Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 19Page - Texas Instruments ADS5484 Datasheet HTML 20Page - Texas Instruments ADS5484 Datasheet HTML 21Page - Texas Instruments ADS5484 Datasheet HTML 22Page - Texas Instruments ADS5484 Datasheet HTML 23Page - Texas Instruments ADS5484 Datasheet HTML 24Page - Texas Instruments ADS5484 Datasheet HTML 25Page - Texas Instruments ADS5484 Datasheet HTML 26Page - Texas Instruments ADS5484 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Clock Amplitude − VPP
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
G035
fS = 170 MSPS
fIN = 69.59 MHz
fIN = 130.13 MHz
fIN = 9.97 MHz
fIN = 30.13 MHz
fIN = 100.33 MHz
fIN = 170.13 MHz
Clock Amplitude − VPP
65
67
69
71
73
75
77
79
81
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
G036
fS = 170 MSPS
fIN = 69.59 MHz
fIN = 9.97 MHz
fIN = 30.13 MHz
fIN = 100.33 MHz
fIN = 130.13 MHz
fIN = 170.13 MHz
CLKP
CLKM
ADS548x
0.1
F
m
Clock
Source
S0194-03
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
SFDR
SNR
vs
vs
CLOCK AMPLITUDE
CLOCK AMPLITUDE
Figure 39.
Figure 40.
For jitter-sensitive applications, the use of a differential clock has some advantages at the system level. The
differential clock allows for common-mode noise rejection at the printed circuit board (PCB) level. With a
differential clock, the signal-to-noise ratio of the ADC is better for jitter-sensitive, high-frequency applications
because the board level clock jitter is superior.
The sampling process is more sensitive to jitter using high analog input frequencies or slow clock frequencies.
Large clock amplitude levels are recommended when possible to reduce the indecision (jitter) in the ADC clock
input buffer. Whenever possible, the ideal combination is a differential clock with large signal swing (~1 – 3 VPP).
Figure 41 demonstrates a recommended method for converting a single-ended clock source into a differential
clock; it is similar to the configuration found on the evaluation board and was used for much of the
characterization. See also Clocking High Speed Data Converters (SLYT075) for more details.
Figure 41. Differential Clock
The common-mode voltage of the clock inputs is set internally to ~2 V using internal 0.5-k
Ω resistors. It is
recommended to use ac coupling, but if this scheme is not possible, the ADS548x features good tolerance to
clock common-mode variation (as shown in Figure 42 and Figure 43). The internal ADC core uses both edges of
the clock for the conversion process. Ideally, a 50% duty-cycle clock signal should be provided. Performance
degradation as a result of duty cycle can be seen in Figure 44.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com