Electronic Components Datasheet Search
  English  ▼

X  

ADS6445 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6445
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6445 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS6445 Datasheet HTML 9Page - Texas Instruments ADS6445 Datasheet HTML 10Page - Texas Instruments ADS6445 Datasheet HTML 11Page - Texas Instruments ADS6445 Datasheet HTML 12Page - Texas Instruments ADS6445 Datasheet HTML 13Page - Texas Instruments ADS6445 Datasheet HTML 14Page - Texas Instruments ADS6445 Datasheet HTML 15Page - Texas Instruments ADS6445 Datasheet HTML 16Page - Texas Instruments ADS6445 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
www.ti.com
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
DEVICE PROGRAMMING MODES
ADS644X offers flexibility with several programmable features that are easily configured.
The device can be configured independently using either parallel interface control or serial interface
programming.
In addition, the device supports a third configuration mode, where both the parallel interface and the serial control
registers are used. In this mode, the priority between the parallel and serial interfaces is determined by a priority
table (refer to Table 4). If this additional level of flexibility is not required, the user can select either the serial
interface programming or the parallel interface control.
USING PARALLEL INTERFACE CONTROL ONLY
To control the device using parallel interface, keep RESET tied to high (LVDD). Pins CFG1, CFG2, CFG3,
CFG4, PDN, SEN, SCLK, and SDATA are used to directly control certain functions of the ADC. After power-up,
the device will automatically get configured as per the parallel pin voltage settings (refer to Table 5 to Table 8)
and no reset is required. In this mode, SEN, SCLK, and SDATA function as parallel interface control pins.
Frequently used functions are controlled in this mode—output data interface and format, power down modes,
coarse gain and internal/external reference. The parallel pins can be configured using a simple resistor string
(with 10% tolerance resistors) as illustrated in Figure 3.
Table 3 has a description of the modes controlled by the parallel pins.
Table 3. Parallel Pin Definition
PIN
CONTROL FUNCTIONS
SEN
Coarse gain and internal/external reference.
SCLK, SDATA
Sync, deskew patterns and global power down.
PDN
Dedicated pin for global power down
CFG1
1-Wire/2-wire and DDR/SDR bit clock
CFG2
14x/16x Serialization and SDR bit clock capture edge
CFG3
Reserved function. Tie CFG3 to Ground.
CFG4
MSB/LSB First and data format.
USING SERIAL INTERFACE PROGRAMMING ONLY
In this mode, SEN, SDATA, and SCLK function as serial interface pins and are used to access the internal
registers of ADC. The registers must first be reset to their default values either by applying a pulse on RESET
pin or by a high setting on the <RST> bit (in register ). After reset, the RESET pin must be kept low.
The serial interface section describes the register programming and register reset in more detail.
Since the parallel pins (CFG1-4 and PDN) are not used in this mode, they must be tied to ground. The register
override bit <OVRD> - D10 in register 0x0D has to be set high to disable the control of parallel interface pins in
this serial interface control ONLY mode.
USING BOTH THE SERIAL INTERFACE AND PARALLEL CONTROLS
For increased flexibility, a combination of serial interface registers and parallel pin controls (CFG1-4 and PDN)
can also be used to configure the device.
The parallel interface control pins CFG1 to CFG4 and PDN are available. After power-up, the device will
automatically get configured as per the parallel pin voltage settings (refer to Table 5 to Table 11) and no reset is
required. A simple resistor string can be used as illustrated in Figure 3.
SEN, SDATA, and SCLK function as serial interface pins and are used to access the internal registers of ADC.
The registers must first be reset to their default values either by applying a pulse on RESET pin or by a high
setting on the <RST> bit (in register ). After reset, the RESET pin must be kept low.
The Serial Interface section describes the register programming and register reset in more detail.
Since some functions are controlled using both the parallel pins and serial registers, the priority between the two
is determined by a priority table (refer to Table 4).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com