Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804ZCF Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 45Page - Texas Instruments AFE5804ZCF Datasheet HTML 46Page - Texas Instruments AFE5804ZCF Datasheet HTML 47Page - Texas Instruments AFE5804ZCF Datasheet HTML 48Page - Texas Instruments AFE5804ZCF Datasheet HTML 49Page - Texas Instruments AFE5804ZCF Datasheet HTML 50Page - Texas Instruments AFE5804ZCF Datasheet HTML 51Page - Texas Instruments AFE5804ZCF Datasheet HTML 52Page - Texas Instruments AFE5804ZCF Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
ANALOG-TO-DIGITAL CONVERSION
AFE5804
www.ti.com.................................................................................................................................................. SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008
REFB
are
2.5V
and
0.5V,
respectively.
The
references are internally scaled down differentially by
The analog-to-digital converter (ADC) of the AFE5804
a factor of 2. VCM (the common-mode voltage of
employs
a
pipelined
converter
architecture
that
REFT and REFB) is also made available externally
consists of a combination of multi-bit and single-bit
through a pin, and is nominally 1.5V.
internal stages. Each stage feeds its data into the
digital
error
correction
logic,
ensuring
excellent
The ADC output goes to a serializer that operates
differential linearity and no missing codes at the
from a 12x clock generated by the PLL. The 12 data
12-bit level.
bits from each channel are serialized and sent LSB
first. In addition to serializing the data, the serializer
The 12 bits given out by each channel are serialized
also generates a 1x clock and a 6x clock. These
and sent out on a single pair of pins in LVDS format.
clocks are generated in the same way the serialized
All eight channels of the AFE5804 operate from a
data are generated, so these clocks maintain perfect
common input clock (CLKP/M). The sampling clocks
synchronization with the data. The data and clock
for each of the eight channels are generated from the
outputs of the serializer are buffered externally using
input clock using a carefully matched clock buffer
LVDS buffers. Using LVDS buffers to transmit data
tree. The 12x clock required for the serializer is
externally has multiple advantages, such as a
generated
internally
from
CLKP/M
using
a
reduced number of output pins (saving routing space
phase-locked loop (PLL). A 6x and a 1x clock are
on the board), reduced power consumption, and
also output in LVDS format, along with the data, to
reduced effects of digital noise coupling to the analog
enable easy data capture. The AFE5804 operates
circuit inside the AFE5804.
from internally-generated reference voltages that are
trimmed
to
improve
the
gain
matching
across
devices, and provide the option to operate the
devices without having to externally drive and route
reference lines. The nominal values of REFT and
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com