Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804ZCF Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 12Page - Texas Instruments AFE5804ZCF Datasheet HTML 13Page - Texas Instruments AFE5804ZCF Datasheet HTML 14Page - Texas Instruments AFE5804ZCF Datasheet HTML 15Page - Texas Instruments AFE5804ZCF Datasheet HTML 16Page - Texas Instruments AFE5804ZCF Datasheet HTML 17Page - Texas Instruments AFE5804ZCF Datasheet HTML 18Page - Texas Instruments AFE5804ZCF Datasheet HTML 19Page - Texas Instruments AFE5804ZCF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
160
140
120
100
80
60
40
20
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
PGA= 30dB
PGA=20dB
Frequency=5MHz
PWMode
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1
10
Frequency(MHz)
TGCIMode
PGA=30dB
V
=1.2V
CNTL
R =
S
50W
R =400
S
W
R =200
S
W
R =1k
S
W
7
6
5
4
3
2
1
0
1
10
Frequency(MHz)
R =
S
50W
R =400
S
W
TGCIMode
PGA=30dB
V
=1.2V
CNTL
R =200
S
W
R =1k
S
W
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
1
10
Frequency(MHz)
TGCIMode
PGA=30dB
V
=1.2V
CNTL
R =
S
50W
R =400
S
W
R =200W
S
R =1k
S
W
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
1
10
Frequency(MHz)
R =
S
50W
R =400
S
W
TGCIIMode
PGA=30dB
V
=1.2V
CNTL
R =200W
S
R =1k
S
W
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
1
10
Frequency(MHz)
R =
S
50W
R =400
S
W
PWMode
PGA=30dB
V
=1.2V
CNTL
R =200W
S
R =1k
S
W
AFE5804
SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008.................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
µF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
INPUT-REFERRED NOISE vs VCNTL
NOISE FIGURE vs FREQUENCY AND RS
Figure 13.
Figure 14.
INPUT-REFERRED NOISE vs FREQUENCY AND RS
OUTPUT-REFERRED NOISE vs FREQUENCY AND RS
Figure 15.
Figure 16.
OUTPUT-REFERRED NOISE vs FREQUENCY AND RS
OUTPUT-REFERRED NOISE vs FREQUENCY AND RS
Figure 17.
Figure 18.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com