Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804ZCF Datasheet(HTML) 58 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 53Page - Texas Instruments AFE5804ZCF Datasheet HTML 54Page - Texas Instruments AFE5804ZCF Datasheet HTML 55Page - Texas Instruments AFE5804ZCF Datasheet HTML 56Page - Texas Instruments AFE5804ZCF Datasheet HTML 57Page - Texas Instruments AFE5804ZCF Datasheet HTML 58Page - Texas Instruments AFE5804ZCF Datasheet HTML 59Page - Texas Instruments AFE5804ZCF Datasheet HTML 60Page - Texas Instruments AFE5804ZCF Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
AFE5804
SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008.................................................................................................................................................. www.ti.com
Revision History
Changes from Revision A (September 2008) to Revision B .......................................................................................... Page
• Changed VCM to V
CM in Internal Reference Voltages (ADC) section of Electrical Characteristics table ............................. 4
• Corrected VCM pin name in functional block diagram .......................................................................................................... 7
• Changed AVDD2 to AVDD1 in description column of L9 row of Table 1............................................................................ 10
• Changed AVDD2 to AVDD1 in Figure 90 ............................................................................................................................ 29
• Corrected VCM pin name in Summary of Features table.................................................................................................... 32
• Changed VCM to CM in External Reference section .......................................................................................................... 42
• Changed VCM to V
CM in the Analog-to-Digital Conversion section ..................................................................................... 49
• Changed 30pF to 16pF in third paragraph of Analog Input and LNA section ..................................................................... 50
• Changed VCM to V
CM in third paragraph of Clock Input section ......................................................................................... 54
• Updated VCM to the proper pin name in Figure 104........................................................................................................... 54
• Corrected VCM pin name in the Reference Circuit section................................................................................................. 55
• Corrected VCMpin name in Table 19 .................................................................................................................................. 56
• Added Clock Jitter, Power Noise, SNR, and LVDS Timing section..................................................................................... 56
58
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com