Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804ZCF Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 15Page - Texas Instruments AFE5804ZCF Datasheet HTML 16Page - Texas Instruments AFE5804ZCF Datasheet HTML 17Page - Texas Instruments AFE5804ZCF Datasheet HTML 18Page - Texas Instruments AFE5804ZCF Datasheet HTML 19Page - Texas Instruments AFE5804ZCF Datasheet HTML 20Page - Texas Instruments AFE5804ZCF Datasheet HTML 21Page - Texas Instruments AFE5804ZCF Datasheet HTML 22Page - Texas Instruments AFE5804ZCF Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
-55
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIMode
PGA=30dB, 6dBFS
-
-45
50
55
60
65
70
75
80
85
-
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIMode
PGA=30dB, 1dBFS
-
-55
60
65
70
75
80
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIMode
PGA=30dB, 6dBFS
-
-35
40
45
50
55
60
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIMode
PGA=30dB, 1dBFS
-
-55
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIIMode
PGA=20dB, 6dBFS
-
-45
50
55
60
65
70
75
80
85
-
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIIMode
PGA=20dB, 1dBFS
-
AFE5804
www.ti.com.................................................................................................................................................. SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
µF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
SECOND HARMONIC vs VCNTL AND FREQUENCY
SECOND HARMONIC vs VCNTL AND FREQUENCY
Figure 31.
Figure 32.
THIRD HARMONIC vs VCNTL AND FREQUENCY
THIRD HARMONIC vs VCNTL AND FREQUENCY
Figure 33.
Figure 34.
SECOND HARMONIC vs VCNTL AND FREQUENCY
SECOND HARMONIC vs VCNTL AND FREQUENCY
Figure 35.
Figure 36.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com