Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 14 Page - Altera Corporation

Part # EP1C3
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 14 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 10Page - Altera Corporation EP1C3 Datasheet HTML 11Page - Altera Corporation EP1C3 Datasheet HTML 12Page - Altera Corporation EP1C3 Datasheet HTML 13Page - Altera Corporation EP1C3 Datasheet HTML 14Page - Altera Corporation EP1C3 Datasheet HTML 15Page - Altera Corporation EP1C3 Datasheet HTML 16Page - Altera Corporation EP1C3 Datasheet HTML 17Page - Altera Corporation EP1C3 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
1–14
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
1 The external flash interface signals cannot be shared between multiple enhanced
configuration devices because this causes contention during in-system programming
and configuration. During these operations, the controller chips inside the enhanced
configuration devices are actively accessing flash memory. Therefore, enhanced
configuration devices do not support shared flash bus interfaces.
The enhanced configuration device controller chip accesses flash memory during:
■
FPGA configuration—reading configuration data from flash
■
JTAG-based flash programming—storing configuration data in flash
■
At POR—reading option bits from flash
During these operations, the external FPGA or processor must tri-state its interface to
the flash memory. After configuration and programming, the enhanced configuration
device’s controller tri-states the internal interface and goes into an idle mode. To
interrupt a configuration cycle in order to access the flash via the external flash
interface, the external device can hold the FPGA’s nCONFIG input low. This keeps the
configuration device in reset by holding the nSTATUS-OE line low, allowing external
flash access.
f For more information about the software support for the external flash interface
feature, refer to the Altera Enhanced Configuration Devices chapter in volume 2 of the
Configuration Handbook. For details about flash commands, timing, memory
organization, and write protection features, refer to the following documents:
■
For Micron flash-based EPC4, refer to the Micron Flash Memory MT28F400B3 Data
Sheet at www.micron.com.
■
For Sharp flash-based EPC16, refer to the Sharp LHF16J06 Data Sheet Flash Memory
Used in EPC16 Devices at www.sharpsma.com.
■
For the Intel Advanced Boot Block Flash Memory (B3) 28F008/800B3, 28F016/160B3,
28F320B3, 28F640B3 Datasheet, visit www.intel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com