Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 16 Page - Altera Corporation

Part # EP1C3
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 12Page - Altera Corporation EP1C3 Datasheet HTML 13Page - Altera Corporation EP1C3 Datasheet HTML 14Page - Altera Corporation EP1C3 Datasheet HTML 15Page - Altera Corporation EP1C3 Datasheet HTML 16Page - Altera Corporation EP1C3 Datasheet HTML 17Page - Altera Corporation EP1C3 Datasheet HTML 18Page - Altera Corporation EP1C3 Datasheet HTML 19Page - Altera Corporation EP1C3 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
1–16
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
2. Using VPP < VPPLK, where the maximum value of VPPLK is 1 V, disables writes.
VPP < VPPLK means programming or writes cannot occur. VPP is a programming
supply voltage input pin on the Intel flash. VPP is equivalent to the VCCW pin on
EPC devices.
3. Using a high CE# disables the chip. The requirement for a write is a low CE# and
low WE#. A high CE# by itself prevents writes from occurring.
4. Using a high WE# prevent writes because a write only occurs when the WE# is low.
Performing all four methods simultaneously is the safest protection for the flash
content.
The ideal power-up sequence is as follows:
1. Power-up VCC .
2. Maintain VPP < VPPLK until VCC is fully powered up.
3. Power-up VPP .
4. Drive RP# low during the entire power-up process. RP# must be released high
within 25 ms after VPP is powered up.
1 CE# and WE# must be high for the entire power-up sequence.
The ideal power-down sequence is as follows:
1. Drive RP# low for 100ns before power-down.
2. Power-down VPP < VPPLK.
3. Power-down VCC.
4. Drive RP# low during the entire power-down process.
1 CE# and WE# must be high for the entire power-down sequence.
The RP# pin is not internally connected to the controller. Therefore, an external
loop-back connection between C-RP# and F-RP# must be made on the board even
when you are not using the external device to the RP# pin with the loop-back. Always
tri-state RP# when the flash is not in use.
If an external power-up monitoring circuit is connected to the RP# pin with the
loop-back, use the following guidelines to avoid contention on the RP# line:
■
The power-up sequence on the 3.3-V supply should complete within 50 ms of
power-up. The 3.3-V VCC should reach the minimum VCC before 50 ms and RP#
should then be released.
■ RP#
should be driven low by the power-up monitoring circuit during power-up.
After power-up, RP# should be tri-stated externally by the power-up monitoring
circuit.
If the preceding guidelines cannot be completed within 50 ms, then the OE pin must
be driven low externally until RP# is ready to be released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com