Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 29 Page - Altera Corporation

Part # EP1C3
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 25Page - Altera Corporation EP1C3 Datasheet HTML 26Page - Altera Corporation EP1C3 Datasheet HTML 27Page - Altera Corporation EP1C3 Datasheet HTML 28Page - Altera Corporation EP1C3 Datasheet HTML 29Page - Altera Corporation EP1C3 Datasheet HTML 30Page - Altera Corporation EP1C3 Datasheet HTML 31Page - Altera Corporation EP1C3 Datasheet HTML 32Page - Altera Corporation EP1C3 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–29
Timing Information
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Timing Information
Figure 1–7 shows the configuration timing waveform when using an enhanced
configuration device.
Table 1–14 defines the timing parameters when using the enhanced configuration
devices.
f For more information about the flash memory (external flash interface) timing, refer
to the appropriate flash data sheet on the Altera website at www.altera.com.
■
For Micron flash-based EPC4, refer to the Micron MT28F400B3 Data Sheet Flash
Memory Used in EPC4 Devices at www.micron.com.
■
For Sharp flash-based EPC16, refer to the Sharp LHF16J06 Data Sheet Flash Memory
Used in EPC16 Devices at www.sharpsma.com.
■
For Intel flash-based EPC4 and EPC16, refer to Intel Flash 28F016B3 at
www.intel.com.
Figure 1–7. Configuration Timing Waveform Using an Enhanced Configuration Device
Notes to Figure 1–7:
(1) The enhanced configuration device will drive DCLK low after configuration.
(2) The enhanced configuration device will drive DATA[] high after configuration.
Byte0
Byte1
Byte2 Byte3
Byten
Tri-State
User Mode
(2)
tOEZX
tPOR
tCH
tCL
tDSU
tCO
tDH
Tri-State
OE/nSTATUS
nCS/CONF_DONE
DCLK
DATA[7..0]
User I/O
INIT_DONE
nINIT_CONF or VCC/nCONFIG
Table 1–14. Enhanced Configuration Device Configuration Parameters (Part 1 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fDCLK
DCLK
frequency
40% duty cycle
—
—
66.7
MHz
tDCLK
DCLK
period
—
15
—
—
ns
tHC
DCLK
duty cycle high time
40% duty cycle
6
—
—
ns
tLC
DCLK
duty cycle low time
40% duty cycle
6
—
—
ns
tCE
OE
to first DCLK delay
—
40
—
—
ns
tOE
OE
to first DATA available
—
40
—
—
ns
tOH
DCLK
rising edge to DATA change
—
(1)
——
ns
tCF (2)
OE
assert to DCLK disable delay
—
277
—
—
ns
tDF (2)
OE
assert to DATA disable delay
—
277
—
—
ns
tRE (3)
DCLK
rising edge to OE
—60
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com