Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 22 Page - Altera Corporation

Part # EP1C3
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 18Page - Altera Corporation EP1C3 Datasheet HTML 19Page - Altera Corporation EP1C3 Datasheet HTML 20Page - Altera Corporation EP1C3 Datasheet HTML 21Page - Altera Corporation EP1C3 Datasheet HTML 22Page - Altera Corporation EP1C3 Datasheet HTML 23Page - Altera Corporation EP1C3 Datasheet HTML 24Page - Altera Corporation EP1C3 Datasheet HTML 25Page - Altera Corporation EP1C3 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
1–22
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Pin Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
nCS
Input
The nCS pin is an input to the enhanced configuration device and is connected to
the FPGA’s CONF_DONE signal for error detection after all configuration data is
transmitted to the FPGA. The FPGA will always drive nCS and OE low when
nCONFIG
is asserted. This pin contains a programmable internal weak pull-up
resistor of 6K
 that can be disabled/enabled in the Quartus II software through
the Disable nCS and OE pull-ups on configuration device option.
nINIT
_CONF
Open-Drain Output
The nINIT_CONF pin can be connected to the nCONFIG pin on the FPGA to
initiate configuration from the enhanced configuration device via a private JTAG
instruction. This pin contains an internal weak pull-up resistor of 6K
that is
always active. The INIT_CONF pin does not need to be connected if its
functionality is not used. If nINIT_CONF is not used, nCONFIG must be pulled
to VCC either directly or through a pull-up resistor.
OE
Open-Drain
Bidirectional
This pin is driven low when POR is not complete. A user-selectable 2-ms or
100-ms counter holds off the release of OE during initial power up to permit
voltage levels to stabilize. POR time can be extended by externally holding OE
low. OE is connected to the FPGA nSTATUS signal. After the enhanced
configuration device controller releases OE, it waits for the nSTATUS-OE line to
go high before starting the FPGA configuration process. This pin contains a
programmable internal weak pull-up resistor of 6K
that can be
disabled/enabled in the Quartus II software through the Disable nCS and OE
pull
-ups on configuration device option.
Table 1–9. External Flash Interface Pins (Part 1 of 3)
Pin Name
Pin Type
Description
A[20..0]
Input
These pins are the address input to the flash memory for read and write
operations. The addresses are internally latched during a write cycle.
When the external flash interface is not used, leave these pins floating (with a few
exceptions(1)). These flash address, data, and control pins are internally
connected to the configuration controller.
In the 100-pin PQFP package, four address pins (A0, A1, A15, A16) are not
internally connected to the controller. These loop-back connections must be made
on the board between the C-A[] and F-A[] pins even when not using the
external flash interface. All other address pins are connected internal to the
package.
All address pins are connected internally in the 88-pin UFBGA package.
Pin A20 in EPC16 devices, pins A20 and A19 in EPC8 devices, and pins A20,
A19
, and A18 in EPC4 devices are no-connects. These pins should be left
floating on the board.
DQ[15..0]
Bidirectional
This is the flash data bus interface between the flash memory and the controller.
The controller or an external source drives DQ[15..0] during the flash
command and the data write bus cycles. During the data read cycle, the flash
memory drives the DQ[15..0] to the controller or external device.
Leave these pins floating on the board when the external flash interface is not
used.
CE#
Input
Active low flash input pin that activates the flash memory when asserted. When it
is high, it deselects the device and reduces power consumption to standby levels.
This flash input pin is internally connected to the controller.
Leave this pin floating on the board when the external flash interface is not used.
Table 1–8. Configuration Interface Pins (Part 2 of 2)
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com