Electronic Components Datasheet Search
  English  ▼

X  

CDCM61002 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61002
Description  Two Output, Integrated VCO, Low-Jitter Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCM61002 Datasheet HTML 20Page - Texas Instruments CDCM61002 Datasheet HTML 21Page - Texas Instruments CDCM61002 Datasheet HTML 22Page - Texas Instruments CDCM61002 Datasheet HTML 23Page - Texas Instruments CDCM61002 Datasheet HTML 24Page - Texas Instruments CDCM61002 Datasheet HTML 25Page - Texas Instruments CDCM61002 Datasheet HTML 26Page - Texas Instruments CDCM61002 Datasheet HTML 27Page - Texas Instruments CDCM61002 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
0,3mm
(typ)
0,7mm
(typ)
3,0mm
(min)
CDCM61002
SCAS870D – FEBRUARY 2009 – REVISED JULY 2010
www.ti.com
Thermal Management
Power consumption of the CDCM61002 can be high enough to require attention to thermal management. For
reliability and performance reasons, the die temperature should be limited to a maximum of +125°C. That is, as
an estimate, TA (ambient temperature) plus device power consumption times qJA should not exceed +125°C.
The device package has an exposed pad that provides the primary heat removal path as well as an electrical
grounding to the printed circuit board (PCB). To maximize the removal of heat from the package, a thermal land
pattern including multiple vias to a ground plane must be incorporated on the PCB within the footprint of the
package. The exposed pad must be soldered down to ensure adequate heat conduction out of the package. A
recommended land and via pattern is shown in Figure 18.
Figure 18. Recommended PCB Layout for CDCM61002
Power-Supply Filtering
PLL-based frequency synthesizers are very sensitive to noise on the power supply, which can dramatically
increase the jitter of the PLL. This characteristic is especially true for analog-based PLLs. Thus, it is essential to
reduce noise from the system power supply, especially when jitter/phase noise is very critical to applications. A
PLL would have attenuated jitter as a result of power-supply noise at frequencies beyond the PLL bandwidth
because of attenuation by the loop response.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the very low impedance path for high-frequency noise and guard the power-supply system
against the induced fluctuations. These bypass capacitors also provide instantaneous current surges as required
by the device and should have low equivalent series resistance (ESR). To properly use these bypass capacitors,
they must be placed very close to the power-supply pins and laid out with short loops to minimize inductance. It
is recommended to add as many high-frequency (for example, 0.1-mF) bypass capacitors as there are supply
pins in the package.
The CDCM61002 power-supply requirements can be grouped into two sets: the analog supply line and the
output/input supply line. The analog supply line consists of the following power-supply pins on the CDCM61002:
VCC_PLL1, VCC_PLL2, and VCC_VCO. These pins can be shorted together. The output/input supply line
consists of the VCC_OUT and the VCC_IN power-supply pins on the CDCM61002. These pins can be shorted
together. Inserting a ferrite bead between the analog supply line and the output/input supply line isolates the
high-frequency switching noises generated by the device input and outputs, preventing them from leaking into
the sensitive analog supply line. Choosing an appropriate ferrite bead with very low dc resistance is important
because it is imperative to provide adequate isolation between the sensitive analog supply line and the other
board supply lines, and to maintain a voltage at the analog power-supply pins of the CDCM61002 that is greater
than the minimum voltage required for proper operation.
24
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCM61002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com