Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 10Page - Texas Instruments TPS780 Datasheet HTML 11Page - Texas Instruments TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments TPS780 Datasheet HTML 17Page - Texas Instruments TPS780 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
APPLICATION INFORMATION
Programming the TPS78001 Adjustable LDO
APPLICATION EXAMPLES
V
=V
1+
´
OUT
FB
R
R
1
2
()
(1)
R
1
2
=
1
R
-
´
V
V
OUT
FB
()
(2)
TPS780
GND
EN
V
SET
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.2Vto3.3V
On
Off
V
High=V
SET
OUT(LOW)
V
Low=V
SET
OUT(HIGH)
TPS78001
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
FB
R
1
R
2
V
=V
(1+)
´
OUT
FB
R
R
1
2
TPS780 Series
SBVS083C – JANUARY 2007 – REVISED MAY 2008 ....................................................................................................................................................... www.ti.com
Regulator
The TPS780 series of LDOs typically take less than
The output voltage of the TPS78001 adjustable
800
µs to transition from a lower voltage of 2.2V to a
regulator is programmed using an external resistor
higher voltage of 3.3V under an output load of
divider as shown in Figure 55. The output voltage
150mA; see Figure 51. Additionally, the TPS780
operating range is 1.2V to 5.1V, and is calculated
series
contain
active
pull-down
circuitry
that
using Equation 1:
automatically pulls charge out of the voltage capacitor
to transition the output voltage from the higher
voltage to the lower voltage, even with no load
connected.
Output
voltage
overshoots
and
Where:
undershoots are minimal under this load condition.
VFB = 1.216V typ (the internal reference voltage)
The TPS780 series typically take less than 800
µs to
transition from VSET low (3.3V to 2.2V), or VSET high
Resistors
R1 and
R2 should
be
chosen
for
(2.2V to 3.3V); see Figure 51 and Figure 52. Both
approximately 1.2
µA divider current. Lower value
output
states
of
the
TPS780
series
are
resistors
can
be
used
for
improved
noise
factory-programmable between 1.5V to 4.2V. Note
performance, but the solution consumes more power.
that during startup or steady-state conditions, it is
Higher resistor values should be avoided because
important that the EN pin and VSET pin voltages never
leakage current into/out of FB across R1/R2 creates
exceed VIN + 0.3V.
an offset voltage that artificially increases/decreases
the
feedback
voltage
and
thus
erroneously
decreases/increases VOUT. Table 2 lists several
common output voltages and resistor values. The
recommended design procedure is to choose R2 =
1M
Ω to set the divider current at 1.2
µA, and then
calculate R1 using Equation 2:
Figure 54. Typical Application Circuit
The TPS780 is also used effectively in dynamic
voltage scaling (DVS) applications. DVS applications
are required to dynamically switch between a high
operational voltage to a low standby voltage in order
to reduce power consumption. Modern multimillion
gate
microprocessors
fabricated
with
the
latest
sub-micron processes save power by transitioning to
a lower voltage to reduce leakage currents while
maintaining content. This architecture enables the
Figure 55. TPS78001 Adjustable LDO Regulator
microprocessor
to
transition
quickly
into
an
Programming
operational state (wake up) without requiring a reload
of the states from external memory, or a reboot.
Table 2. Output Voltage Programming Guide
OUTPUT VOLTAGE
R1
R2
1.8V
0.499M
Ω
1M
Ω
2.8V
1.33M
Ω
1M
Ω
5.0V
3.16M
Ω
1M
Ω
14
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com