Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments TPS780 Datasheet HTML 17Page - Texas Instruments TPS780 Datasheet HTML 18Page - Texas Instruments TPS780 Datasheet HTML 19Page - Texas Instruments TPS780 Datasheet HTML 20Page - Texas Instruments TPS780 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
INTERNAL CURRENT LIMIT
TPS780
GND
EN
V
SET
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.2V
DROPOUT VOLTAGE
SHUTDOWN
t=3
10k
R
W
L
´
10kW +RL
C
OUT
´
(3)
TRANSIENT RESPONSE
ACTIVE VOUT PULL-DOWN
MINIMUM LOAD
TPS780
GND
EN
V
SET
IN
OUT
V
High=V
SET
OUT(LOW)
V
Low=V
SET
OUT(HIGH)
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.2Vto3.3V
TPS780 Series
www.ti.com ....................................................................................................................................................... SBVS083C – JANUARY 2007 – REVISED MAY 2008
The TPS780 series are internally current-limited to
protect the regulator during fault conditions. During
current limit, the output sources a fixed amount of
current that is largely independent of output voltage.
For reliable operation, the device should not be
operated in a current limit state for extended periods
of time.
The PMOS pass element in the TPS780 series has a
built-in body diode that conducts current when the
voltage at OUT exceeds the voltage at IN. This
current is not limited, so if extended reverse voltage
operation is anticipated, external limiting to 5% of
Figure 59. Circuit to Tie Both EN and VSET High
rated output current may be appropriate.
The TPS780 series use a PMOS pass transistor to
The enable pin (EN) is active high and is compatible
achieve low dropout. When (VIN – VOUT) is less than
with standard and low-voltage CMOS levels. When
the dropout voltage (VDO), the PMOS pass device is
shutdown capability is not required, EN should be
the linear region of operation and the input-to-output
connected to the IN pin, as shown in Figure 58.
resistance is the RDS(ON) of the PMOS pass element.
Figure 59 shows both EN and VSET connected to IN.
VDO
approximately
scales
with
output
current
The TPS780 series, with internal active output
because the PMOS device behaves like a resistor in
pull-down circuitry, discharges the output to within 5%
dropout. As with any linear regulator, PSRR and
VOUT with a time (t) shown in Equation 3:
transient response are degraded as (VIN – VOUT)
approaches dropout. This effect is shown in the
Typical Characteristics section. Refer to application
report
SLVA207,
Understanding
LDO
Dropout,
available for download from www.ti.com.
Where:
RL= output load resistance
COUT = output capacitance
As with any regulator, increasing the size of the
output capacitor reduces over/undershoot magnitude
but increases duration of the transient response. For
more information, see Figure 48.
In the TPS780 series, the active pull-down discharges
VOUT when the device is off. However, the input
voltage must be greater than 2.2V for the active
pull-down to work.
The TPS780 series are stable with no output load.
Figure 58. Circuit Showing EN Tied High when
Traditional PMOS LDO regulators suffer from lower
Shutdown Capability is Not Required
loop gain at very light output loads. The TPS780
series employ an innovative, low-current circuit under
very light or no-load conditions, resulting in improved
output voltage regulation performance down to zero
output current. See Figure 47 for the load transient
response.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com