Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 11Page - Texas Instruments TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments TPS780 Datasheet HTML 17Page - Texas Instruments TPS780 Datasheet HTML 18Page - Texas Instruments TPS780 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Powering the MSP430 Microcontroller
LDO
GND
V
IN
V
OUT
1 F
m
1 F
m
MSP430
V
SS
V
CC
I/O
V
=3.0V
CC
5mA
Active
Mode
3.0V
1.6 AI
LPM3/SleepMode
m
Q
TPS780
GND
V
IN
V
OUT
MSP430
V
SS
V
CC
I/O
V
=3.6V
CC
5mA
Active
Mode
700nAI
LPM3/SleepMode
Q
V
=2.2V
CC
Current
1 F
m
1 F
m
2.2Vto3.6V
V
SET
TPS780 Series
www.ti.com ....................................................................................................................................................... SBVS083C – JANUARY 2007 – REVISED MAY 2008
Several versions of the TPS780 are ideal for
powering the MSP430 microcontroller. Table 3 shows
potential applications of some voltage versions.
Table 3. Typical MSP430 Applications
VOUT(HIGH)
VOUT(LOW)
DEVICE
(TYP)
(TYP)
APPLICATION
VOUT, MIN > 1.800V
required by many
MSP430s. Allows
TPS780360200
3.6V
2.0V
lowest power
consumption
operation.
VOUT, MIN > 2.200V
required by some
TPS780360220
3.6V
2.2V
MSP430s FLASH
operation.
VOUT, MIN > 2.700V
required by some
TPS780360300
3.6V
3.0V
MSP430s FLASH
operation.
Figure 56. Typical LDO without DVS
VOUT, MIN < 3.600V
required by some
TPS780360220
3.6V
2.2V
MSP430s. Allows
highest speed
operation.
The TPS780 family offers many output voltage
versions to allow designers to optimize the supply
voltage for the processing speed required of the
MSP430. This flexible architecture minimizes the
supply current consumed by the particular MSP430
application. The MSP430 total system power can be
reduced by substituting the 500nA IQ TPS780 series
LDO in place of an existing ultra-low IQ LDO (typical
best case = 1
µA). Additionally, DVS allows for
increasing the clock speed in active mode (MSP430
VCC = 3.6V). The 3.6V VCC reduces the MSP430 time
in active mode. In low-power mode, MSP430 system
power can be further reduced by lowering the
MSP430 VCC to 2.2V in sleep mode.
Key features of the TPS780 series are an ultralow
quiescent current (500nA), DVS, and miniaturized
packaging. The TPS780 family are available in
Figure 57. TPS780 with Integrated DVS
SON-6 and TSOT-23 packages. Figure 56 shows a
typical MSP430 circuit powered by an LDO without
DVS. Figure 57 is an MSP430 circuit using a TPS780
The other benefit of DVS is that it allows a higher VCC
LDO that incorporates an integrated DVS, thus
voltage on the MSP430, increasing the clock speed
simplifying the circuit design. In a circuit without DVS,
and reducing the active mode dwell time.
as Figure 56 illustrates, VCC is always at 3.0V. When
the MSP430 goes into sleep mode, VCC remains at
3.0V; if DVS is applied, VCC could be reduced in
sleep mode. In Figure 57, the TPS780 LDO with
integrated DVS maintains 3.6V VCC until a logic high
signal from the MSP430 forces VOUT to level shift
VOUT from 3.6V down to 2.2V, thus reducing power in
sleep mode.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com