Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  ARM Microprocessor
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 86Page - Texas Instruments AM1707 Datasheet HTML 87Page - Texas Instruments AM1707 Datasheet HTML 88Page - Texas Instruments AM1707 Datasheet HTML 89Page - Texas Instruments AM1707 Datasheet HTML 90Page - Texas Instruments AM1707 Datasheet HTML 91Page - Texas Instruments AM1707 Datasheet HTML 92Page - Texas Instruments AM1707 Datasheet HTML 93Page - Texas Instruments AM1707 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 199 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-34. Ethernet Media Access Controller (EMAC) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E2 3654
TX5CP
Transmit Channel 5 Completion Pointer Register
0x01E2 3658
TX6CP
Transmit Channel 6 Completion Pointer Register
0x01E2 365C
TX7CP
Transmit Channel 7 Completion Pointer Register
0x01E2 3660
RX0CP
Receive Channel 0 Completion Pointer Register
0x01E2 3664
RX1CP
Receive Channel 1 Completion Pointer Register
0x01E2 3668
RX2CP
Receive Channel 2 Completion Pointer Register
0x01E2 366C
RX3CP
Receive Channel 3 Completion Pointer Register
0x01E2 3670
RX4CP
Receive Channel 4 Completion Pointer Register
0x01E2 3674
RX5CP
Receive Channel 5 Completion Pointer Register
0x01E2 3678
RX6CP
Receive Channel 6 Completion Pointer Register
0x01E2 367C
RX7CP
Receive Channel 7 Completion Pointer Register
Table 6-35. EMAC Statistics Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E2 3200
RXGOODFRAMES
Good Receive Frames Register
Broadcast Receive Frames Register
0x01E2 3204
RXBCASTFRAMES
(Total number of good broadcast frames received)
Multicast Receive Frames Register
0x01E2 3208
RXMCASTFRAMES
(Total number of good multicast frames received)
0x01E2 320C
RXPAUSEFRAMES
Pause Receive Frames Register
Receive CRC Errors Register
0x01E2 3210
RXCRCERRORS
(Total number of frames received with CRC errors)
Receive Alignment/Code Errors Register
0x01E2 3214
RXALIGNCODEERRORS
(Total number of frames received with alignment/code errors)
Receive Oversized Frames Register
0x01E2 3218
RXOVERSIZED
(Total number of oversized frames received)
Receive Jabber Frames Register
0x01E2 321C
RXJABBER
(Total number of jabber frames received)
Receive Undersized Frames Register
0x01E2 3220
RXUNDERSIZED
(Total number of undersized frames received)
0x01E2 3224
RXFRAGMENTS
Receive Frame Fragments Register
0x01E2 3228
RXFILTERED
Filtered Receive Frames Register
0x01E2 322C
RXQOSFILTERED
Received QOS Filtered Frames Register
Receive Octet Frames Register
0x01E2 3230
RXOCTETS
(Total number of received bytes in good frames)
Good Transmit Frames Register
0x01E2 3234
TXGOODFRAMES
(Total number of good frames transmitted)
0x01E2 3238
TXBCASTFRAMES
Broadcast Transmit Frames Register
0x01E2 323C
TXMCASTFRAMES
Multicast Transmit Frames Register
0x01E2 3240
TXPAUSEFRAMES
Pause Transmit Frames Register
0x01E2 3244
TXDEFERRED
Deferred Transmit Frames Register
0x01E2 3248
TXCOLLISION
Transmit Collision Frames Register
0x01E2 324C
TXSINGLECOLL
Transmit Single Collision Frames Register
0x01E2 3250
TXMULTICOLL
Transmit Multiple Collision Frames Register
0x01E2 3254
TXEXCESSIVECOLL
Transmit Excessive Collision Frames Register
0x01E2 3258
TXLATECOLL
Transmit Late Collision Frames Register
0x01E2 325C
TXUNDERRUN
Transmit Underrun Error Register
0x01E2 3260
TXCARRIERSENSE
Transmit Carrier Sense Errors Register
0x01E2 3264
TXOCTETS
Transmit Octet Frames Register
0x01E2 3268
FRAME64
Transmit and Receive 64 Octet Frames Register
90
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com