Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  ARM Microprocessor
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 98Page - Texas Instruments AM1707 Datasheet HTML 99Page - Texas Instruments AM1707 Datasheet HTML 100Page - Texas Instruments AM1707 Datasheet HTML 101Page - Texas Instruments AM1707 Datasheet HTML 102Page - Texas Instruments AM1707 Datasheet HTML 103Page - Texas Instruments AM1707 Datasheet HTML 104Page - Texas Instruments AM1707 Datasheet HTML 105Page - Texas Instruments AM1707 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 199 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.17.2.2 Multichannel Audio Serial Port 1 (McASP1) Timing
Table 6-49 and Table 6-50 assume testing over recommended operating conditions (see Figure 6-34 and
Figure 6-35).
Table 6-49. McASP1 Timing Requirements(1) (2)
No.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR1 external, AHCLKR1 input
20
1
tc(AHCLKRX)
ns
Cycle time, AHCLKX1 external, AHCLKX1 input
20
Pulse duration, AHCLKR1 external, AHCLKR1 input
10
2
tw(AHCLKRX)
ns
Pulse duration, AHCLKX1 external, AHCLKX1 input
10
Cycle time, ACLKR1 external, ACLKR1 input
greater of 2P or 20
3
tc(ACLKRX)
ns
Cycle time, ACLKX1 external, ACLKX1 input
greater of 2P or 20
Pulse duration, ACLKR1 external, ACLKR1 input
10
4
tw(ACLKRX)
ns
Pulse duration, ACLKX1 external, ACLKX1 input
10
Setup time, AFSR1 input to ACLKR1 internal(3)
10.4
Setup time, AFSX1 input to ACLKX1 internal
10.4
Setup time, AFSR1 input to ACLKR1 external input(3)
2.6
5
tsu(AFSRX-ACLKRX)
ns
Setup time, AFSX1 input to ACLKX1 external input
2.6
Setup time, AFSR1 input to ACLKR1 external output(3)
2.6
Setup time, AFSX1 input to ACLKX1 external output
2.6
Hold time, AFSR1 input after ACLKR1 internal(3)
-2.4
Hold time, AFSX1 input after ACLKX1 internal
-2.4
Hold time, AFSR1 input after ACLKR1 external input(3)
0.85
6
th(ACLKRX-AFSRX)
ns
Hold time, AFSX1 input after ACLKX1 external input
0.8
Hold time, AFSR1 input after ACLKR1 external output(3)
0.3
Hold time, AFSX1 input after ACLKX1 external output
0.3
Setup time, AXR1[n] input to ACLKR1 internal(3)
10.4
Setup time, AXR1[n] input to ACLKX1 internal(4)
10.4
Setup time, AXR1[n] input to ACLKR1 external input(3)
2.6
7
tsu(AXR-ACLKRX)
ns
Setup time, AXR1[n] input to ACLKX1 external input(4)
2.6
Setup time, AXR1[n] input to ACLKR1 external output(3)
2.6
Setup time, AXR1[n] input to ACLKX1 external output(4)
2.6
Hold time, AXR1[n] input after ACLKR1 internal(3)
-2.4
Hold time, AXR1[n] input after ACLKX1 internal(4)
-2.4
Hold time, AXR1[n] input after ACLKR1 external input(3)
0.65
8
th(ACLKRX-AXR)
ns
Hold time, AXR1[n] input after ACLKX1 external input(4)
0.4
Hold time, AXR1[n] input after ACLKR1 external output(3)
0.4
Hold time, AXR1[n] input after ACLKX1 external output(4)
0.4
(1)
ACLKX1 internal – McASP1 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX1 external input – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX1 external output – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR1 internal – McASP1 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR1 external input – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR1 external output – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
McASP1 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR1
(4)
McASP1 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX1
102
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com