| Electronic Components Datasheet Search |
|
AM1707 Datasheet(PDF) 118 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1707 Datasheet(HTML) 118 Page - Texas Instruments |
|
118 / 199 page ![]() AM1707 SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com Table 6-63. General Timing Requirements for SPI1 Slave Modes (1) (continued) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 0.5tc(SPC)S -3 from SPI1_CLK falling Polarity = 0, Phase = 1, 0.5tc(SPC)S -3 Output hold time, SPI1_SOMI from SPI1_CLK rising 14 toh(SPC_SOMI)S valid after receive edge of ns Polarity = 1, Phase = 0, SPI1_CLK 0.5tc(SPC)S -3 from SPI1_CLK rising Polarity = 1, Phase = 1, 0.5tc(SPC)S -3 from SPI1_CLK falling Polarity = 0, Phase = 0, 0 to SPI1_CLK falling Polarity = 0, Phase = 1, 0 Input Setup Time, to SPI1_CLK rising 15 tsu(SIMO_SPC)S SPI1_SIMO valid before ns Polarity = 1, Phase = 0, receive edge of SPI1_CLK 0 to SPI1_CLK rising Polarity = 1, Phase = 1, 0 to SPI1_CLK falling Polarity = 0, Phase = 0, 5 from SPI1_CLK falling Polarity = 0, Phase = 1, 5 Input Hold Time, SPI1_SIMO from SPI1_CLK rising 16 tih(SPC_SIMO)S valid after receive edge of ns Polarity = 1, Phase = 0, SPI1_CLK 5 from SPI1_CLK rising Polarity = 1, Phase = 1, 5 from SPI1_CLK falling Table 6-64. Additional(1) SPI1 Master Timings, 4-Pin Enable Option(2) (3) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 3P + 3 to SPI1_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 3P + 3 to SPI1_CLK rising Delay from slave assertion of SPI1_ENA 17 td(EN A_SPC)M ns active to first SPI1_CLK from master.(4) Polarity = 1, Phase = 0, 3P + 3 to SPI1_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 3P + 3 to SPI1_CLK falling Polarity = 0, Phase = 0, 0.5tc(SPC)M + P + 5 from SPI1_CLK falling Polarity = 0, Phase = 1, Max delay for slave to deassert P + 5 from SPI1_CLK falling SPI1_ENA after final SPI1_CLK edge to 18 td(SPC_ENA)M ns ensure master does not begin the next Polarity = 1, Phase = 0, 0.5tc(SPC)M + P + 5 transfer.(5) from SPI1_CLK rising Polarity = 1, Phase = 1, P + 5 from SPI1_CLK rising (1) These parameters are in addition to the general timings for SPI master modes ( Table 6-62 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI1_ENA assertion. (5) In the case where the master SPI is ready with new data before SPI1_ENA deassertion. 118 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |