Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  ARM Microprocessor
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 132Page - Texas Instruments AM1707 Datasheet HTML 133Page - Texas Instruments AM1707 Datasheet HTML 134Page - Texas Instruments AM1707 Datasheet HTML 135Page - Texas Instruments AM1707 Datasheet HTML 136Page - Texas Instruments AM1707 Datasheet HTML 137Page - Texas Instruments AM1707 Datasheet HTML 138Page - Texas Instruments AM1707 Datasheet HTML 139Page - Texas Instruments AM1707 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 199 page
background image
LCD_AC_ENB_CS
LCD_PCLK
2
3
1
W_SU
(0 to 31)
W_STROBE
(1 to 63)
W_HOLD
(1 to 15)
CS_DELAY
(0 to 3)
R_SU
(0 to 31)
R_STROBE
(1 to 63)
R_HOLD
(1 to 15)
CS_DELAY
(0 to 3)
LCD_CLK
(SYSCLK2)
4
Write Data
5
14
16
17
15
Data[7:0]
Not Used
8
9
10
11
12
13
12
13
RS
R/W
E0
E1
LCD_D[15:0]
LCD_VSYNC
LCD_HSYNC
Read Status
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.22.1 LCD Interface Display Driver (LIDD Mode)
Table 6-82. LCD LIDD Mode Timing Requirements
No.
PARAMETER
MIN
MAX
UNIT
16
tsu(LCD_D)
Setup time, LCD_D[15:0] valid before LCD_CLK (SYSCLK2)
↑
7
ns
17
th(LCD_D)
Hold time, LCD_D[15:0] valid after LCD_CLK (SYSCLK2)
↑
0
ns
Table 6-83. LCD LIDD Mode Timing Characteristics
No.
PARAMETER
MIN
MAX
UNIT
4
td(LCD_D_V)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_D[15:0] valid (write)
0
7
ns
5
td(LCD_D_I)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_D[15:0] invalid (write)
0
7
ns
6
td(LCD_E_A)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_AC_ENB_CS↓
0
7
ns
7
td(LCD_E_I)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_AC_ENB_CS↑
0
7
ns
8
td(LCD_A_A)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_VSYNC↓
0
7
ns
9
td(LCD_A_I)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_VSYNC↑
0
7
ns
10
td(LCD_W_A)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_HSYNC↓
0
7
ns
11
td(LCD_W_I)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_HSYNC↑
0
7
ns
12
td(LCD_STRB_A)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_PCLK↑
0
7
ns
13
td(LCD_STRB_I)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_PCLK↓
0
7
ns
14
td(LCD_D_Z)
Delay time, LCD_CLK (SYSCLK2)
↑ to LCD_D[15:0] in 3-state
0
7
ns
Delay time, LCD_CLK (SYSCLK2)
↑ to 15 td(Z_LCD_D) 3-state) LCD_D[15:0]
15
td(Z_LCD_D)
0
7
ns
(valid from 3-state)
Figure 6-47. Character Display HD44780 Write
136
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com