Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 195 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  ARM Microprocessor
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 195 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 191Page - Texas Instruments AM1707 Datasheet HTML 192Page - Texas Instruments AM1707 Datasheet HTML 193Page - Texas Instruments AM1707 Datasheet HTML 194Page - Texas Instruments AM1707 Datasheet HTML 195Page - Texas Instruments AM1707 Datasheet HTML 196Page - Texas Instruments AM1707 Datasheet HTML 197Page - Texas Instruments AM1707 Datasheet HTML 198Page - Texas Instruments AM1707 Datasheet HTML 199Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 195 / 199 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
Table 8-1. Thermal Resistance Characteristics (PBGA Package) [ZKB]
PARAMETER
°C/W(1)
°C/W(2)
AIR FLOW (m/s)(3)
R
ΘJC
Junction-to-case
12.8
13.5
N/A
R
ΘJB
Junction-to-board
15.1
19.7
N/A
R
ΘJA
Junction-to-free air
24.5
33.8
0.00
21.9
30
0.50
21.1
28.7
1.00
R
ΘJMA
Junction-to-moving air
20.4
27.4
2.00
19.6
26
4.00
0.6
0.8
0.00
0.8
1
0.50
PsiJT
Junction-to-package top
0.9
1.2
1.00
1.1
1.4
2.00
1.3
1.8
4.00
14.9
19.1
0.00
14.4
18.2
0.50
PsiJB
Junction-to-board
14.4
18
1.00
14.3
17.7
2.00
14.1
17.4
4.00
(1)
These measurements were conducted in a JEDEC defined 2S2P system and will change based on environment as well as application.
For more information, see these EIA/JEDEC standards – EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment
Conditions - Natural Convection (Still Air) and JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount
Packages. Power dissipation of 1W and ambient temp of 70C assumed. PCB with 2oz (70um) top and bottom copper thickness and
1.5oz (50um) inner copper thickness
(2)
Simulation data, using the same model but with 1oz (35um) top and bottom copper thickness and 0.5oz (18um) inner copper thickness.
Power dissipation of 1W and ambient temp of 70C assumed.
(3)
m/s = meters per second
8.3
Mechanical Drawings
This section contains mechanical drawings for the device.
Copyright © 2010, Texas Instruments Incorporated
Mechanical Packaging and Orderable Information
195
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com