Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 2Page - Texas Instruments ISO1050 Datasheet HTML 3Page - Texas Instruments ISO1050 Datasheet HTML 4Page - Texas Instruments ISO1050 Datasheet HTML 5Page - Texas Instruments ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RXD
CANH
CANL
GND 2
GND 1
V I
(SEENOTE A) 1 .5 V
I O
V O
CL = 15 pF
20 %
(SEENOTEB)
±
V
I
V
O
2 V
2 .4 V
3 .5 V
VOH
t f
t r
t pHL
1 .5 V
V
OL
90 %
10 %
0 .3 Vcc 1
0 .7 Vcc 1
t pLH
CANH
CANL
RXD
Thewaveformsoftheappliedtransientsareinaccordance
withISO 7637 part 1, testpulses 1, 2, 3a, and 3b.
TXD
1 nF
1 nF
15 pF
GND2
GND1
VI
+
_
ISO1050
SLLS983C – JUNE 2009 – REVISED JULY 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle,
tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 6. Receiver Test Circuit and Voltage Waveforms
Table 1. Differential Input Voltage Threshold Test
INPUT
OUTPUT
VCANH
VCANL
|VID|
R
–11.1 V
–12 V
900 mV
L
12 V
11.1 V
900 mV
L
VOL
–6 V
–12 V
6 V
L
12 V
6 V
6 V
L
–11.5 V
–12 V
500 mV
H
12 V
11.5 V
500 mV
H
–12 V
–6 V
–6 V
H
VOH
6 V
12 V
–6 V
H
Open
Open
X
H
Figure 7. Transient Over-Voltage Test Circuit
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com