Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISO1050
www.ti.com
SLLS983C – JUNE 2009 – REVISED JULY 2010
IEC SAFETY LIMITING VALUES
safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the IO can allow low resistance to ground or the supply and, without current limiting dissipate sufficient power to overheat the
die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
qJA = 73.3 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
310
DUB-8
mA
qJA = 73.3 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
474
IS
Safety input, output, or supply current
qJA = 76 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
299
DW-16
mA
qJA = 76 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
457
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assured junction-to-air thermal resistance in the
Thermal Characteristics table is that of a device installed on a High-K Test Board for Leaded Surface Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
REGULATORY INFORMATION
VDE
CSA
UL
Certified according to IEC
Approved under CSA Component Acceptance
Recognized under 1577 Component Recognition
60747-5-2
Notice
Program(1)
File Number: 40016131
File Number: pending
File Number: pending
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
THERMAL INFORMATION (DUB-8 PACKAGE)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
120
°C/W
qJA
Junction-to-air
High-K Thermal Resistance
73.3
°C/W
Junction-to-board thermal
qJB
Low-K Thermal Resistance
10.2
°C/W
resistance
qJC
Junction-to-case thermal resistance Low-K Thermal Resistance
14.5
°C/W
VCC1=5.5V, VCC2=5.25V, TA=105°C, RL= 60Ω,
PD
Device power dissipation
TXD input is a 500kHz 50% duty-cycle square
200
mW
wave
Tj shutdown
Thermal shutdown temperature(2)
190
°C
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
(2)
Extended operation in thermal shutdown may affect device reliability.
THERMAL INFORMATION (DW-16 PACKAGE)
ISO1050
THERMAL METRIC(1)
DW
UNITS
16
qJA
Junction-to-ambient thermal resistance
76.0
qJCtop
Junction-to-case (top) thermal resistance
41
qJB
Junction-to-board thermal resistance
47.7
°C/W
yJT
Junction-to-top characterization parameter
14.4
yJB
Junction-to-board characterization parameter
38.2
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com