Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 3 Page - Texas Instruments

  ISO1050 Datasheet HTML 1Page - Texas Instruments ISO1050 Datasheet HTML 2Page - Texas Instruments ISO1050 Datasheet HTML 3Page - Texas Instruments ISO1050 Datasheet HTML 4Page - Texas Instruments ISO1050 Datasheet HTML 5Page - Texas Instruments ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISO1050
www.ti.com
SLLS983C – JUNE 2009 – REVISED JULY 2010
DEVICE SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total loop delay, driver input to receiver output, Recessive to
tloop1
See Figure 9
112
150
210
ns
Dominant
Total loop delay, driver input to receiver output, Dominant to
tloop2
See Figure 9
112
150
210
ns
Recessive
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CANH
2.9
3.5
4.5
VO(D)
Bus output voltage (Dominant)
See Figure 1 and Figure 2, VI = 0 V, RL = 60Ω
V
CANL
0.8
1.2
1.5
VO(R)
Bus output voltage (Recessive)
See Figure 1 and Figure 2, VI = 2 V, RL= 60Ω
2
2.3
3
V
See Figure 1, Figure 2 and Figure 3, VI = 0 V,
1.5
3
RL = 60Ω
VOD(D)
Differential output voltage (Dominant)
V
See Figure 1, Figure 2, and Figure 3 VI = 0 V,
1.4
3
RL = 45Ω, Vcc > 4.8V
See Figure 1 and Figure 2, VI = 3 V, RL = 60Ω
–0.12
0.012
VOD(R)
Differential output voltage (Recessive)
V
VI = 3 V, No Load
–0.5
0.05
VOC(D)
Common-mode output voltage (Dominant)
2
2.3
3
See Figure 8
V
VOC(pp)
Peak-to-peak common-mode output voltage
0.3
IIH
High-level input current, TXD input
VI at 2 V
5
mA
IIL
Low-level input current, TXD input
VI at 0.8 V
–5
mA
IO(off)
Power-off TXD leakage current
VCC1, VCC2 at 0 V, TXD at 5 V
10
mA
See Figure 11, VCANH = –12 V, CANL Open
–105
–72
See Figure 11, VCANH = 12 V, CANL Open
0.36
1
IOS(ss)
Short-circuit steady-state output current
mA
See Figure 11, VCANL =–12 V, CANH Open
–1
–0.5
See Figure 11, VCANL = 12 V, CANH Open
71
105
CO
Output capacitance
See receiver input capacitance
CMTI
Common-mode transient immunity
See Figure 13, VI = VCC or 0 V
25
50
kV/ms
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, recessive-to-dominant output
31
74
110
tPHL
Propagation delay time, dominant-to-recessive output
25
44
75
See Figure 4
ns
tr
Differential output signal rise time
20
50
tf
Differential output signal fall time
20
50
tdom
Dominant time-out
↓ CL=100 pF, See Figure 10
300
450
700
ms
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com