Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments ISO1050 Datasheet HTML 16Page - Texas Instruments ISO1050 Datasheet HTML 17Page - Texas Instruments ISO1050 Datasheet HTML 18Page - Texas Instruments ISO1050 Datasheet HTML 19Page - Texas Instruments ISO1050 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ISO1050
SLLS983C – JUNE 2009 – REVISED JULY 2010
www.ti.com
APPLICATION INFORMATION
DOMINANT TIME-OUT
A dominant time-out circuit in the ISO1050 prevents the driver from blocking network communications if a local
controller fault occurs. The time-out circuit is triggered by a falling edge on TXD. If no rising edge occurs on TXD
before the time-out of the circuits expires, the driver is disabled to prevent the local node from continuously
transmitting a Dominant bit. If a rising edge occurs on TXD, commanding a Recessive bit, the timer will be reset
and the driver will be re-enabled. The time-out value is set so that normal CAN communication will not cause the
Dominant time-out circuit to expire.
FAILSAFE
If the bus-side power supply Vcc2 is lower than about 2.7V, the power shutdown circuits in the ISO1050 will
disable the transceiver to prevent spurious transitions due to an unstable supply. If Vcc1 is still active when this
occurs, the receiver output will go to a failsafe HIGH value in about 6 microseconds.
THERMAL SHUTDOWN
The ISO1050 has an internal thermal shutdown circuit that turns off the driver outputs when the internal
temperature becomes too high for normal operation. This shutdown circuit prevents catastrophic failure due to
short-circuit faults on the bus lines. If the device cools sufficiently after thermal shutdown, it will automatically
re-enable, and may again rise in temperature if the bus fault is still present. Prolonged operation with thermal
shutdown conditions may affect device reliability.
BUS LOADING
In the CAN standard ISO 11898-2 the driver differential output is specified with a 60
Ω load (must be greater than
1.5V) and with a fully-loaded bus (must be greater than 1.2V). The ISO1050 is specified to meet the 1.5V
requirement with a 60
Ω load, and 1.4V with a 45Ω load. The differential input resistance of the ISO1050 is a
minimum of 30K
Ω. If the 167 transceivers are in parallel on a bus, this is equivalent to a 180Ω differential load.
That transceiver load of 180
Ω in parallel with the 60Ω (two 120Ω termination resistors) gives a total 45Ω.
Therefore, the ISO1050 supports over 167 transceivers on a single bus segment, with margin to the 1.2V CAN
requirement.
16
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com