| Electronic Components Datasheet Search |
|
TLC5916IPWR Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC5916IPWR Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 30 page ![]() www.ti.com Operation Phases Operation Mode Switching 1 2 3 4 5 1 0 1 1 1 0 0 0 0 0 Actual Mode (Normal or Special) Mode Switching Normal Mode CLK OE(ED2) LE(ED1) Phase 1 2 3 4 5 1 0 1 1 1 1 0 0 0 0 Actual Mode (Normal or Special) Mode Switching Special Mode CLK OE(ED2) LE(ED1) Phase Switching to Special Mode Switching to Normal Mode Normal Mode Phase Special Mode Phase TLC5916, TLC5917 8-BIT CONSTANT-CURRENT LED SINK DRIVERS SLVS695A – JUNE 2007 – REVISED MARCH 2008 To switch between its two modes, TLC5916/TLC5917 monitors the signal OE(ED2). When an one-clock-wide pulse of OE(ED2) appears, TLC5916/TLC5917 enters the two-clock-period transition phase, the Mode Switching phase. After power on, the default operation mode is the Normal Mode (see Figure 15). Figure 15. Mode Switching As shown in Figure 15, once a one-clock-wide short pulse (101) of OE(ED2) appears, TLC5916/TLC5917 enters the Mode Switching phase. At the fourth rising edge of CLK, if LE(ED1) is sampled as voltage high, TLC5916/TLC5917 switches to Special Mode; otherwise, it switches to Normal Mode. The signal LE(ED1) between the third and the fifth rising edges of CLK cannot latch any data. Its level is used only to determine into which mode to switch. However, the short pulse of OE(ED2) can still enable the output ports. During mode switching, the serial data can still be transferred through SDI and shifted out from SDO. NOTES: 1. The signal sequence for the mode switching may be used frequently to ensure that TLC5916/TLC5917 is in the proper mode. 2. The 1 and 0 on the LE(ED1) signal are sampled at the rising edge of CLK. The X means its level does not affect the result of mode switching mechanism. 3. After power on, the default operation mode is Normal Mode. Serial data is transferred into TLC5916/TLC5917 via SDI, shifted in the Shift Register, and output via SDO. LE(ED1) can latch the serial data in the Shift Register to the Output Latch. OE(ED2) enables the output drivers to sink current. These functions differ only as described in Operation Mode Switching, in which case, a short pulse triggers TLC5916/TLC5917 to switch the operation mode. However, as long as LE(ED1) is high in the Mode Switching phase, TLC5916/TLC5917 remains in the Normal Mode, as if no mode switching occurred. In the Special Mode, as long as OE(ED2) is not low, the serial data is shifted to the Shift Register via SDI and shifted out via SDO, as in the Normal Mode. However, there are two differences between the Special Mode and the Normal Mode, as shown in the following sections. 18 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TLC5916 TLC5917 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |