| Electronic Components Datasheet Search |
|
TLC5916IPWR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC5916IPWR Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 30 page ![]() www.ti.com VDD 8 8 8 8 8 8 I/O Regulator Control Logic OUT0 OUT1 OUT6 OUT7 Output Driver and Error Detection 8-Bit Output Latch SDO SDI CLK LE(ED1) OE(ED2) R-EXT 8-Bit Shift Register Configuration Latches TLC5916, TLC5917 8-BIT CONSTANT-CURRENT LED SINK DRIVERS SLVS695A – JUNE 2007 – REVISED MARCH 2008 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) SHORT TO VLED TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING DETECTION PDIP – N Tube of 25 TLC5916IN TLC5916IN Tube of 40 TLC5916ID SOIC – D TLC5916I No Reel of 2500 TLC5916IDR Tube of 90 TLC5916IPW TSSOP – PW Y5916 Reel of 2000 TLC5916IPWR –40 °C to 125°C PDIP – N Tube of 25 TLC5917IN TLC5917IN Tube of 40 TLC5917ID SOIC – D TLC5917I Yes Reel of 2500 TLC5917IDR Tube of 90 TLC5917IPW TSSOP – PW Y5917 Reel of 2000 TLC5917IPWR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. BLOCK DIAGRAM 2 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TLC5916 TLC5917 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |