Electronic Components Datasheet Search
  English  ▼

X  

TLC5916IPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPWR
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC5916IPWR Datasheet HTML 16Page - Texas Instruments TLC5916IPWR Datasheet HTML 17Page - Texas Instruments TLC5916IPWR Datasheet HTML 18Page - Texas Instruments TLC5916IPWR Datasheet HTML 19Page - Texas Instruments TLC5916IPWR Datasheet HTML 20Page - Texas Instruments TLC5916IPWR Datasheet HTML 21Page - Texas Instruments TLC5916IPWR Datasheet HTML 22Page - Texas Instruments TLC5916IPWR Datasheet HTML 23Page - Texas Instruments TLC5916IPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
www.ti.com
Open-Circuit Detection Principle
Short-Circuit Detection Principle (TLC5917 Only)
NoFault
ShortFault
Minimum
Return
Threshold
Maximum
Trigger
Threshold
3.1V
2.5V
2.2V
V
OUT
Minimum
Trigger
Threshold
V
OUT,TTh
V
OUT,RTh
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
The LED Open-Circuit Detection compares the effective current level Iout with the open load detection threshold
current IOUT,Th. If IOUT is below the IOUT,Th threshold, the TLC5916/TLC5917 detects an open-load condition. This
error status can be read as an error status code in the Special Mode. For open-circuit error detection, a channel
must be on.
Table 1. Open-Circuit Detection
CONDITION OF OUTPUT
STATE OF OUTPUT PORT
ERROR STATUS CODE
MEANING
CURRENT
Off
IOUT = 0 mA
0
Detection not possible
IOUT < IOUT,Th
(1)
0
Open circuit
On
IOUT ≥ IOUT,Th
(1)
Channel n error status bit 1
Normal
(1)
IOUT,Th = 0.5 × IOUT,target (typical)
The LED short-circuit detection compares the effective voltage level (VOUT) with the shorted-load detection
threshold voltages VOUT,TTh and VOUT,RTh. If VOUT is above the VOUT,TTh threshold, the TLC5917 detects an
shorted-load condition. If VOUT is below the VOUT,RTh threshold, no error is detected/error bit is reset. This error
status can be read as an error status code in the Special Mode. For short-circuit error detection, a channel must
be on.
Table 2. Shorted-Load Detection
CONDITION OF OUTPUT
STATE OF OUTPUT PORT
ERROR STATUS CODE
MEANING
VOLTAGE
Off
IOUT = 0 mA
0
Detection not possible
VOUT ≥ VOUT,TTh
0
Short circuit
On
VOUT < VOUT,RTh
1
Normal
Figure 18. Short-Circuit Detection Principle
20
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5916 TLC5917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com