| Electronic Components Datasheet Search |
|
TLC5916IPWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC5916IPWR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 30 page ![]() www.ti.com 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 GND SDI CLK LE(ED1) OUT0 OUT1 OUT2 OUT3 VDD R-EXT SDO OE(ED2) OUT7 OUT6 OUT5 OUT4 D, N, OR PW PACKAGE (TOP VIEW) TLC5916, TLC5917 8-BIT CONSTANT-CURRENT LED SINK DRIVERS SLVS695A – JUNE 2007 – REVISED MARCH 2008 Terminal Descriptions TERMINAL DESCRIPTION NAME CLK Clock input for data shift on rising edge GND Ground for control logic and current sink Data strobe input Serial data is transferred to the respective latch when LE(ED1) is high. The data is latched when LE(ED1) goes low. LE(ED1) Also, a control signal input for an Error Detection Mode and Current Adjust Mode (see Timing Diagram). LE(ED1) has an internal pulldown. Output enable. When OE(ED2) is active (low), the output drivers are enabled; when OE(ED2) is high, all output drivers OE(ED2) are turned OFF (blanked). Also, a control signal input for an Error Detection Mode and Current Adjust Mode (see Figure 1). OE(ED2) has an internal pullup. OUT0–OUT7 Constant-current outputs R-EXT Input used to connect an external resistor for setting up all output currents SDI Serial-data input to the Shift register SDO Serial-data output to the following SDI of next driver IC or to the microcontroller VDD Supply voltage Diagnostic Features OVERTEMPERATURE OPEN-LOAD SHORT TO GND SHORT TO VLED DEVICE(1) DETECTION DETECTION DETECTION DETECTION TLC5916 X X X TLC5917 X X X X (1) The device has one single error register for all these conditions (one error bit per channel). Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TLC5916 TLC5917 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |