Electronic Components Datasheet Search
  English  ▼

X  

TS5L100D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5L100D
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5L100D Datasheet(HTML) 1 Page - Texas Instruments

  TS5L100D Datasheet HTML 1Page - Texas Instruments TS5L100D Datasheet HTML 2Page - Texas Instruments TS5L100D Datasheet HTML 3Page - Texas Instruments TS5L100D Datasheet HTML 4Page - Texas Instruments TS5L100D Datasheet HTML 5Page - Texas Instruments TS5L100D Datasheet HTML 6Page - Texas Instruments TS5L100D Datasheet HTML 7Page - Texas Instruments TS5L100D Datasheet HTML 8Page - Texas Instruments TS5L100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TS5L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS163A − MAY 2004 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Bandwidth (BW = 300 MHz Min)
D Low Differential Crosstalk
(XTALK = −60 dB Typ)
D Low Power Consumption (ICC = 3 mA Max)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low ON-State Resistance (ron = 3 W Typ)
D VCC Operating Range From 6 V to 6.5 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Provide
Undershoot Clamp Diode
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both 10 Base-T/100 Base-T
Signaling
D OR DBQ PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
IA0
IA1
YA
IB0
IB1
YB
GND
VCC
E
ID0
ID1
YD
IC0
IC1
YC
NC
S
IA0
IA1
YA
IB0
IB1
YB
GND
NC
NC
VCC
E
ID0
ID1
YD
IC0
IC1
YC
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
E
ID0
ID1
YD
IC0
IC1
IA0
IA1
YA
IB0
IB1
YB
NC − No internal connection
description/ordering information
The TI TS5L100 LAN switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (E) input.
When E is low, the switch is enabled and the I port is connected to the Y port. When E is high, the switch is
disabled and the high-impedance state exists between the I and Y ports. The select (S) input controls the data
path of the multiplexer/demultiplexer.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS5L100RGYR
TG100
SOIC − D
Tube
TS5L100D
TS5L100
0
°C to 70°C
SOIC − D
Tape and reel
TS5L100DR
TS5L100
0
°C to 70°C
SSOP (QSOP) − DBQ
Tape and reel
TS5L100DBQR
TG100
TSSOP − PW
Tube
TS5L100PW
TG100
TSSOP − PW
Tape and reel
TS5L100PWR
TG100
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TS5L100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5L100D TI-TS5L100D Datasheet
506Kb / 21P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100D TI2-TS5L100D Datasheet
879Kb / 28P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
REVISED MAY 2004
TS5L100D.A TI2-TS5L100D.A Datasheet
879Kb / 28P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
REVISED MAY 2004
TS5L100DBQR TI-TS5L100DBQR Datasheet
506Kb / 21P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100DBQR TI2-TS5L100DBQR Datasheet
879Kb / 28P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
REVISED MAY 2004
More results

Similar Description - TS5L100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com