Electronic Components Datasheet Search
  English  ▼

X  

TS5L100D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS5L100D
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5L100D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5L100D Datasheet HTML 7Page - Texas Instruments TS5L100D Datasheet HTML 8Page - Texas Instruments TS5L100D Datasheet HTML 9Page - Texas Instruments TS5L100D Datasheet HTML 10Page - Texas Instruments TS5L100D Datasheet HTML 11Page - Texas Instruments TS5L100D Datasheet HTML 12Page - Texas Instruments TS5L100D Datasheet HTML 13Page - Texas Instruments TS5L100D Datasheet HTML 14Page - Texas Instruments TS5L100D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TS5L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS163A − MAY 2004 − REVISED MAY 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CL
(see Note A)
TEST CIRCUIT
RL
Analog Output
Waveform
(VO)
tON
0 V
3 V
VOLTAGE WAVEFORMS
tON AND tOFF TIMES
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. The outputs are measured one at a time, with one transition per measurement.
50%
50%
50
Ω
VG1
VCC
DUT
50
Ω
VS
VX1
TEST
CL
RL
VX1
6.2 V
6.2 V
VCC
VX0
tOFF
tON
6.2 V
6.2 V
100
Ω
100
Ω
100
Ω
100
Ω
35 pF
35 pF
35 pF
35 pF
GND
4.5 V
GND
4.5 V
4.5 V
GND
4.5 V
GND
Output
Control
(VIN)
Input Generator
VO
VX0
S
IX0
IX1
E
D
0 V
VOH
tOFF
90%
90%
Figure 7. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com