Electronic Components Datasheet Search
  English  ▼

X  

TS5L100D Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TS5L100D
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5L100D Datasheet(HTML) 14 Page - Texas Instruments

Back Button TS5L100D Datasheet HTML 10Page - Texas Instruments TS5L100D Datasheet HTML 11Page - Texas Instruments TS5L100D Datasheet HTML 12Page - Texas Instruments TS5L100D Datasheet HTML 13Page - Texas Instruments TS5L100D Datasheet HTML 14Page - Texas Instruments TS5L100D Datasheet HTML 15Page - Texas Instruments TS5L100D Datasheet HTML 16Page - Texas Instruments TS5L100D Datasheet HTML 17Page - Texas Instruments TS5L100D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TS5L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS163A − MAY 2004 − REVISED MAY 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 100 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
YA
S
E
IA0
VE
VS
VCC
VBIAS
RL = 100 Ω
IA1
50
Ω†
† A 50-Ω termination resistor is needed for the network analyzer.
Figure 10. Test Circuit for Off Isolation (OIRR)
Off isolation is measured at the output of the OFF channel. For example, when VS = VCC, VE = 0, and YA is the input,
the output is measured at IA0. All unused analog input (Y) ports are left open, and output (A) ports are connected to
GND through 50-
Ω pulldown resistors.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com