Electronic Components Datasheet Search
  English  ▼

X  

TS5L100D Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TS5L100D
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5L100D Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS5L100D Datasheet HTML 11Page - Texas Instruments TS5L100D Datasheet HTML 12Page - Texas Instruments TS5L100D Datasheet HTML 13Page - Texas Instruments TS5L100D Datasheet HTML 14Page - Texas Instruments TS5L100D Datasheet HTML 15Page - Texas Instruments TS5L100D Datasheet HTML 16Page - Texas Instruments TS5L100D Datasheet HTML 17Page - Texas Instruments TS5L100D Datasheet HTML 18Page - Texas Instruments TS5L100D Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TS5L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS163A − MAY 2004 − REVISED MAY 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL = 100 Ω
VI = 4.5 V
VO
Switch ON
EN†
Switch ON
† EN is the internal enable signal applied to the switch.
NOTE A: ron (M1) and ron (M2) are calculated from the voltage drop and current across the two terminals of M1 and M2, respectively.
EN†
M1
M2
Figure 11. Test Circuit for VO and ron
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
100
Ω
VCC
TS5L100
S
IA0
IA1
YA
IB0
IB1
YB
GND
VCC = 6.2 V
Z
ID0
ID1
YD
IC0
IC1
YC
0.1
µF
100
Ω
100
Ω
100
Ω
Oscilloscope
Pulse
Generator
VI+
VI−
VO+
VO−
Figure 12. Differential Crosstalk Measurement
Differential crosstalk is a measure of coupling noise between a transmit and receive pair in the LAN application.
Differential crosstalk depends on the edge rate, frequency, and load. This is calculated from the equation, XTALK(Diff)
db = 20 log VO(Diff)/VI(Diff), where VO(Diff) is the differential output voltage and VI(Diff) is the differential input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com