Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 154 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 154 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 150Page - Altera Corporation EP3SL340 Datasheet HTML 151Page - Altera Corporation EP3SL340 Datasheet HTML 152Page - Altera Corporation EP3SL340 Datasheet HTML 153Page - Altera Corporation EP3SL340 Datasheet HTML 154Page - Altera Corporation EP3SL340 Datasheet HTML 155Page - Altera Corporation EP3SL340 Datasheet HTML 156Page - Altera Corporation EP3SL340 Datasheet HTML 157Page - Altera Corporation EP3SL340 Datasheet HTML 158Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 341 page
background image
1–144
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.5-V
HSTL CLASS I
4mA
GCLK
tco
3.130
3.372
4.769 5.171 5.680 5.544 5.799 5.296 5.808 5.671
5.874
ns
GCLK
PLL
t
co
1.350
1.533
1.979 2.080 2.291 2.304 2.307 2.187 2.402 2.412
2.294
ns
6mA
GCLK
tco
3.119
3.362
4.765 5.167 5.677 5.541 5.796 5.293 5.805 5.668
5.871
ns
GCLK
PLL
t
co
1.339
1.523
1.975 2.076 2.288 2.301 2.304 2.184 2.399 2.409
2.291
ns
8mA
GCLK
t
co
3.116
3.359
4.763 5.165 5.675 5.539 5.794 5.291 5.804 5.667
5.870
ns
GCLK
PLL
t
co
1.336
1.520
1.973 2.074 2.286 2.299 2.302 2.182 2.398 2.408
2.290
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
4mA
GCLK
t
co
3.127
3.369
4.764 5.166 5.674 5.538 5.793 5.291 5.802 5.665
5.868
ns
GCLK
PLL
t
co
1.347
1.530
1.974 2.075 2.285 2.298 2.301 2.182 2.396 2.406
2.288
ns
6mA
GCLK
t
co
3.117
3.360
4.762 5.164 5.673 5.537 5.792 5.290 5.802 5.665
5.868
ns
GCLK
PLL
t
co
1.337
1.521
1.972 2.073 2.284 2.297 2.300 2.181 2.396 2.406
2.288
ns
8mA
GCLK
t
co
3.103
3.346
4.747 5.149 5.659 5.523 5.778 5.275 5.787 5.650
5.853
ns
GCLK
PLL
tco
1.323
1.507
1.957 2.058 2.270 2.283 2.286 2.166 2.381 2.391
2.273
ns
10mA
GCLK
t
co
3.100
3.342
4.743 5.145 5.655 5.519 5.774 5.271 5.783 5.646
5.849
ns
GCLK
PLL
tco
1.320
1.503
1.953 2.054 2.266 2.279 2.282 2.162 2.377 2.387
2.269
ns
12mA
GCLK
t
co
3.097
3.340
4.744 5.148 5.658 5.522 5.777 5.274 5.787 5.650
5.853
ns
GCLK
PLL
t
co
1.317
1.501
1.954 2.057 2.269 2.282 2.285 2.165 2.381 2.391
2.273
ns
16mA
GCLK
t
co
3.098
3.340
4.734 5.136 5.645 5.509 5.764 5.261 5.773 5.636
5.839
ns
GCLK
PLL
t
co
1.318
1.501
1.944 2.045 2.256 2.269 2.272 2.152 2.367 2.377
2.259
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK
t
co
3.147
3.393
4.805 5.209 5.721 5.585 5.840 5.335 5.849 5.712
5.915
ns
GCLK
PLL
t
co
1.367
1.554
2.015 2.118 2.332 2.345 2.348 2.226 2.443 2.453
2.335
ns
6mA
GCLK
t
co
3.123
3.369
4.787 5.192 5.704 5.568 5.823 5.318 5.834 5.697
5.900
ns
GCLK
PLL
t
co
1.343
1.530
1.997 2.101 2.315 2.328 2.331 2.209 2.428 2.438
2.320
ns
8mA
GCLK
t
co
3.106
3.350
4.765 5.170 5.682 5.546 5.801 5.296 5.812 5.675
5.878
ns
GCLK
PLL
t
co
1.326
1.511
1.975 2.079 2.293 2.306 2.309 2.187 2.406 2.416
2.298
ns
Table 1–78. EP3SL150 Row Pins Output Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com