Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 43 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 43 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 39Page - Altera Corporation EP3SL340 Datasheet HTML 40Page - Altera Corporation EP3SL340 Datasheet HTML 41Page - Altera Corporation EP3SL340 Datasheet HTML 42Page - Altera Corporation EP3SL340 Datasheet HTML 43Page - Altera Corporation EP3SL340 Datasheet HTML 44Page - Altera Corporation EP3SL340 Datasheet HTML 45Page - Altera Corporation EP3SL340 Datasheet HTML 46Page - Altera Corporation EP3SL340 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–33
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
5. Compare the results of steps 2 and 4. The increase or decrease in delay must be
added to or subtracted from the I/O Standard Output Adder delays to yield the
actual worst-case propagation delay (clock-to-output) of the PCB trace.
The Quartus II software reports the timing with the conditions listed in Table 1–37
using Equation 1–1 on page 1–7. Figure 1–6 shows the circuit that is represented by
the output timing of the Quartus II software.
Figure 1–7 and Figure 1–8 show the circuit that is represented by the output timing of
the Quartus II software for differential outputs with single and multiple external
resistors, respectively.
Figure 1–6. Output Delay Timing Report Setup for Single-Ended Outputs and Dedicated Differential
Outputs (Note 1)
Note to Figure 1–6:
(1) Output pin timing is reported at the output pin of the FPGA device. Additional delays for loading and board trace delay
must be accounted for with IBIS model simulations.
Figure 1–7. Output Delay Timing Report Setup for Differential Outputs with Single External Resistor
Figure 1–8. Output Delay Timing Report Setup for Differential Outputs with Three External Resistor
Output
Buffer
VTT
VCCIO
RD
Outputn
Outputp
RT
CL
RS
VMEAS
Output
GND
GND
RD
RP
VMEAS
Non-Dedicated
Differential Outputs
VMEAS
RS
RS
RD
RP
VMEAS
Non-Dedicated
Differential Outputs
VMEAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com