Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 26 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 26 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 22Page - Altera Corporation EP3SL340 Datasheet HTML 23Page - Altera Corporation EP3SL340 Datasheet HTML 24Page - Altera Corporation EP3SL340 Datasheet HTML 25Page - Altera Corporation EP3SL340 Datasheet HTML 26Page - Altera Corporation EP3SL340 Datasheet HTML 27Page - Altera Corporation EP3SL340 Datasheet HTML 28Page - Altera Corporation EP3SL340 Datasheet HTML 29Page - Altera Corporation EP3SL340 Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 341 page
background image
t
OUTCCJ_IO (5), (8)
Cycle to Cycle Jitter for clock
output on regular IO
(F
OUT 100 MHz)
—
—
600
—
—
600
—
—
600
—
—
600
—
—
750
ps (p-p)
Cycle to Cycle Jitter for clock
output on regular IO
(F
OUT <100 MHz)
——
60
——
60
—
—
60
—
—60
—
—75
mUI
(p-p)
tCASC_OUTPJ_DC (5),
(7)
Period Jitter for dedicated clock
output in cascaded PLLs (F
OUT
100 MHz)
—
—
250
—
—
250
—
—
250
—
—
250
—
—
325
ps (p-p)
Period Jitter for dedicated clock
output in cascaded PLLs (F
OUT
100 MHz)
——
25
——
25
—
—
25
—
—25
—
—
32.5
mUI
(p-p)
f
DRIFT
Frequency drift after PFDENA is
disabled for duration of 100
s
—
—
±10
—
—
±10
—
—
±10
—
—
±10
—
—
±10
%
Notes to Table 1–20:
(1) This specification is limited in the Quartus II software by the I/O maximum frequency. The maximum I/O frequency is different for each I/O standard.
(2) This specification is limited by the lower of the two: I/O f
max or fout of the PLL.
(3) A high input jitter directly affects the PLL output jitter. To have low PLL output clock jitter, you must provide a clean clock source, which is less than 120 ps.
(4) FREF is fIN/N when N = 1.
(5) Peak-to-peak jitter with a probability level of 10–12 (14 sigma, 99.99999999974404% confidence level). The output jitter specification applies to the intrinsic jitter of the PLL, when an input jitter of 30 ps
is applied.
(6) High bandwidth PLL settings are not supported in external feedback mode.
(7) The cascaded PLL specification is only applicable with the following conditions:
a) Upstream PLL: 0.59 MHz
 Upstream PLL BW < 1 MHz
b) Downstream PLL: Downstream PLL BW > 2 MHz
(8) External memory interface clock output jitter specifications use a different measurement method and are available in Table 1–33 on page 1–29.
Table 1–20. PLL Specifications for Stratix III Devices (Part 3 of 3)
Symbol
Parameter
C2
C3, I3
C4, I4
C4L, I4L
Unit
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 0.9 V
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com