Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 162 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 162 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 158Page - Altera Corporation EP3SL340 Datasheet HTML 159Page - Altera Corporation EP3SL340 Datasheet HTML 160Page - Altera Corporation EP3SL340 Datasheet HTML 161Page - Altera Corporation EP3SL340 Datasheet HTML 162Page - Altera Corporation EP3SL340 Datasheet HTML 163Page - Altera Corporation EP3SL340 Datasheet HTML 164Page - Altera Corporation EP3SL340 Datasheet HTML 165Page - Altera Corporation EP3SL340 Datasheet HTML 166Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 341 page
background image
1–152
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–83 lists the EP3SL200 column pins output timing parameters for single-ended
I/O standards.
Table 1–83. EP3SL200 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.677
3.677
5.302
5.492
5.997
5.854
6.259 5.492 5.997 5.854 6.259
ns
GCLK
PLL
t
co
4.076
4.076
5.937
6.132
6.701
6.529
7.016 6.132 6.701 6.529 7.016
ns
8mA
GCLK
t
co
3.610
3.610
5.193
5.381
5.884
5.741
6.146 5.381 5.884 5.741 6.146
ns
GCLK
PLL
t
co
4.009
4.009
5.828
6.021
6.588
6.416
6.903 6.021 6.588 6.416 6.903
ns
12mA
GCLK
t
co
3.524
3.524
5.089
5.282
5.792
5.649
6.054 5.282 5.792 5.649 6.054
ns
GCLK
PLL
t
co
3.923
3.923
5.724
5.922
6.496
6.324
6.811 5.922 6.496 6.324 6.811
ns
16mA
GCLK
t
co
3.517
3.517
5.072
5.254
5.751
5.608
6.013 5.254 5.751 5.608 6.013
ns
GCLK
PLL
t
co
3.916
3.916
5.707
5.894
6.455
6.283
6.770 5.894 6.455 6.283 6.770
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.683
3.683
5.306
5.497
6.004
5.861
6.266 5.497 6.004 5.861 6.266
ns
GCLK
PLL
tco
4.082
4.082
5.941
6.137
6.708
6.536
7.023 6.137 6.708 6.536 7.023
ns
8mA
GCLK
t
co
3.528
3.528
5.099
5.299
5.803
5.660
6.065 5.299 5.803 5.660 6.065
ns
GCLK
PLL
t
co
3.927
3.927
5.734
5.939
6.507
6.335
6.822 5.939 6.507 6.335 6.822
ns
12mA
GCLK
t
co
3.535
3.535
5.093
5.278
5.777
5.634
6.039 5.278 5.777 5.634 6.039
ns
GCLK
PLL
t
co
3.934
3.934
5.728
5.918
6.481
6.309
6.796 5.918 6.481 6.309 6.796
ns
16mA
GCLK
t
co
3.519
3.519
5.071
5.253
5.748
5.605
6.010 5.253 5.748 5.605 6.010
ns
GCLK
PLL
t
co
3.918
3.918
5.706
5.893
6.452
6.280
6.767 5.893 6.452 6.280 6.767
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.641
3.641
5.269
5.460
5.964
5.821
6.226 5.460 5.964 5.821 6.226
ns
GCLK
PLL
t
co
4.040
4.040
5.904
6.100
6.668
6.496
6.983 6.100 6.668 6.496 6.983
ns
8mA
GCLK
t
co
3.530
3.530
5.139
5.326
5.826
5.684
6.088 5.326 5.826 5.684 6.088
ns
GCLK
PLL
t
co
3.929
3.929
5.774
5.966
6.531
6.360
6.845 5.966 6.531 6.360 6.845
ns
12mA
GCLK
tco
3.494
3.494
5.076
5.257
5.752
5.610
6.014 5.257 5.752 5.610 6.014
ns
GCLK
PLL
t
co
3.893
3.893
5.711
5.897
6.457
6.286
6.771 5.897 6.457 6.286 6.771
ns
16mA
GCLK
t
co
3.476
3.476
5.047
5.229
5.724
5.581
5.986 5.229 5.724 5.581 5.986
ns
GCLK
PLL
t
co
3.875
3.875
5.682
5.869
6.428
6.256
6.743 5.869 6.428 6.256 6.743
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com