Electronic Components Datasheet Search
  English  ▼

X  

IP4359CX4 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IP4359CX4
Description  Dual channel low capacitance high performance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4359CX4 Datasheet(HTML) 5 Page - NXP Semiconductors

  IP4359CX4 Datasheet HTML 1Page - NXP Semiconductors IP4359CX4 Datasheet HTML 2Page - NXP Semiconductors IP4359CX4 Datasheet HTML 3Page - NXP Semiconductors IP4359CX4 Datasheet HTML 4Page - NXP Semiconductors IP4359CX4 Datasheet HTML 5Page - NXP Semiconductors IP4359CX4 Datasheet HTML 6Page - NXP Semiconductors IP4359CX4 Datasheet HTML 7Page - NXP Semiconductors IP4359CX4 Datasheet HTML 8Page - NXP Semiconductors IP4359CX4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IP4359CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 6 August 2010
5 of 12
NXP Semiconductors
IP4359CX4
Dual channel low capacitance ESD protection
6.2 Crosstalk
The crosstalk measurement configuration of a typical 50
Ω NWA system for evaluation of
the IP4359CX4 is shown in Figure 3.
The crosstalk measurement results of IP4359CX4 are depicted in Figure 4.
Fig 3.
Crosstalk measurement configuration
Pin A1 to pin A2.
Fig 4.
Measured crosstalk between different channels
OUT_2
001aai756
50
Ω
50
Ω
Vgen
DUT
IN_1
OUT_1
IN_2
TEST BOARD
50
Ω
50
Ω
008aaa238
−60
−40
−80
−20
0
−100
f (MHz)
1104
103
10
102
αct
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com