Electronic Components Datasheet Search
  English  ▼

X  

IP4359CX4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP4359CX4
Description  Dual channel low capacitance high performance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4359CX4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP4359CX4 Datasheet HTML 3Page - NXP Semiconductors IP4359CX4 Datasheet HTML 4Page - NXP Semiconductors IP4359CX4 Datasheet HTML 5Page - NXP Semiconductors IP4359CX4 Datasheet HTML 6Page - NXP Semiconductors IP4359CX4 Datasheet HTML 7Page - NXP Semiconductors IP4359CX4 Datasheet HTML 8Page - NXP Semiconductors IP4359CX4 Datasheet HTML 9Page - NXP Semiconductors IP4359CX4 Datasheet HTML 10Page - NXP Semiconductors IP4359CX4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IP4359CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 6 August 2010
7 of 12
NXP Semiconductors
IP4359CX4
Dual channel low capacitance ESD protection
8.
Design and assembly recommendations
8.1 PCB design guidelines
For optimum performance it is recommended to use a Non-Solder Mask Defined (NSMD),
also known as a copper-defined design, incorporating laser-drilled micro-vias connecting
the ground pads to a buried ground-plane layer. This results in the lowest possible ground
inductance and provides the best high frequency and ESD performance. For this case,
refer to Table 7 for the recommended PCB design parameters.
8.2 PCB assembly guidelines for Pb-free soldering
Table 6.
Dimensions of IP4359CX4/LF-H500 for Figure 5
Symbol
Min
Typ
Max
Unit
A
0.41
0.45
0.49
mm
A1
0.18
0.20
0.22
mm
A2
0.23
0.25
0.27
mm
b
0.21
0.26
0.31
mm
D
0.71
0.76
0.81
mm
E
0.71
0.76
0.81
mm
e
-
0.4
-
mm
Table 7.
Recommended PCB design parameters
Parameter
Value or specification
PCB pad diameter
250
μm
Micro-via diameter
100
μm (0.004 inch)
Solder mask aperture diameter
325
μm
Copper thickness
20
μm to 40 μm
Copper finish
AuNi or OSP
PCB material
FR4
Table 8.
Assembly recommendations
Parameter
Value or specification
Solder screen aperture diameter
290
μm
Solder screen thickness
100
μm (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %) Cu (0.5 % to 0.9 %)
Solder / flux ratio
50 / 50
Solder reflow profile
see Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com