Electronic Components Datasheet Search
  English  ▼

X  

IP4359CX4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4359CX4
Description  Dual channel low capacitance high performance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4359CX4 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4359CX4 Datasheet HTML 1Page - NXP Semiconductors IP4359CX4 Datasheet HTML 2Page - NXP Semiconductors IP4359CX4 Datasheet HTML 3Page - NXP Semiconductors IP4359CX4 Datasheet HTML 4Page - NXP Semiconductors IP4359CX4 Datasheet HTML 5Page - NXP Semiconductors IP4359CX4 Datasheet HTML 6Page - NXP Semiconductors IP4359CX4 Datasheet HTML 7Page - NXP Semiconductors IP4359CX4 Datasheet HTML 8Page - NXP Semiconductors IP4359CX4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
The IP4359CX4 is a dual channel low capacitance ElectroStatic Discharge (ESD)
protection device, providing protection to downstream components from ESD voltages as
high as
±15 kV contact discharge and > ±15 kV air discharge according the
IEC 61000-4-2 model, far exceeding standard level 4.
The device is optimized for protection of high speed interfaces such as Universal Serial
Bus (USB) 2.0, High Definition Multimedia Interface (HDMI), Digital Visual Interface (DVI)
and other interfaces requiring very low capacitance ESD protection.
The device is available in two different heights. 0.61 mm and reduced maximum height of
0.5 mm. Both versions contain identical circuits and show an identical electrical
performance. Both ESD protection channels share common ground connections, but are
electrically separated, thereby preventing current back drive into the adjacent channel.
IP4359CX4 is fabricated using monolithic silicon technology in a single Wafer-Level
Chip-Scale Package (WLCSP). These features make the IP4359CX4 ideal for use in
applications requiring component miniaturization such as mobile phone handsets and
other portable electronic devices.
1.2 Features and benefits
Pb-free, RoHS compliant and free of halogen and antimony (Dark Green compliant)
2 ultra low input capacity rail-to-rail ESD protection diodes with C(I/O-GND) = 1.3 pF
Rdyn = 0.45 Ω
Integrated ESD protection withstanding
±15 kV contact discharge and > ±15 kV air
discharge, far exceeding IEC 61000-4-2 level 4
Standard height version (0.61 mm) available as IP4359CX4/LF
Reduced height version (maximum height of 0.5 mm) available as
IP4359CX4/LF-H500
2
× 2 solder ball WLCSP with 0.4 mm pitch
1.3 Applications
High-speed interface ESD protection such as USB 2.0, HDMI, DVI etc.
Interfaces with special requirements on low capacitive ESD protection
Interfaces requiring separation of the positive clamping voltage/current path
IP4359CX4
Dual channel low capacitance high performance ESD
protection
Rev. 1 — 6 August 2010
Product data sheet


Similar Part No. - IP4359CX4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4359CX4 NEXPERIA-IP4359CX4 Datasheet
609Kb / 13P
Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
IP4359CX4LF NEXPERIA-IP4359CX4LF Datasheet
609Kb / 13P
Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
IP4359CX4LF-H500 NEXPERIA-IP4359CX4LF-H500 Datasheet
609Kb / 13P
Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
logo
NXP Semiconductors
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
More results

Similar Description - IP4359CX4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1241 ONSEMI-CM1241 Datasheet
391Kb / 12P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April 2010 ??Rev. 3
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
NXP Semiconductors
IP4359CX4 PHILIPS-IP4359CX4_15 Datasheet
371Kb / 12P
Dual channel low capacitance high performance ESD protection
Rev. 1-6 August 2010
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
CM1641 ONSEMI-CM1641_11 Datasheet
228Kb / 6P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. 5
logo
Nexperia B.V. All right...
IP4358CX6 NEXPERIA-IP4358CX6 Datasheet
582Kb / 12P
Quad channel low capacitance high performance ESD protection
logo
ON Semiconductor
ESD7272 ONSEMI-ESD7272 Datasheet
323Kb / 6P
ESD Protection Diodes, Low Capacitance, Dual Channel
April, 2019 ??Rev. 0
logo
TECH PUBLIC Electronics...
IP4221CZ6-S TECHPUBLIC-IP4221CZ6-S Datasheet
1Mb / 4P
Low-Capacitance 4-Channel ESD-Protection
logo
Nexperia B.V. All right...
IP4359CX4 NEXPERIA-IP4359CX4 Datasheet
609Kb / 13P
Dual channel low capacitance high performance ESD protection
Rev. 1 - 6 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com