Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation SC120 Datasheet HTML 17Page - Semtech Corporation SC120 Datasheet HTML 18Page - Semtech Corporation SC120 Datasheet HTML 19Page - Semtech Corporation SC120 Datasheet HTML 20Page - Semtech Corporation SC120 Datasheet HTML 21Page - Semtech Corporation SC120 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SC120
18
Pin Descriptions
MLPD Pin #
SOT23 Pin #
Pin Name
Pin Function
1
3
LX
Switching node — connect an inductor from the input supply to this pin.
2
2
GND
Signal and power ground.
31
IN
Battery or supply input — requires an external 10μF bypass capacitor (capacitance evalu-
ated while under V
IN
bias) for normal operation.
4
6
EN
Enable digital control input — active high.
55
FB
Feedback input — connect to GND for preset 3.3V output. A voltage divider is connected
from OUT to GND to adjust output from 1.8V to 5.0V.
6
4
OUT
Output voltage pin — requires an external 10μF bypass capacitor (capacitance evaluated
while under V
OUT
bias) for normal operation.
TNA
Thermal
Pad
Thermal Pad (MLPD package only) is for heat sinking purposes — connect to ground
plane using multiple vias — not connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com