Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 18Page - Semtech Corporation SC120 Datasheet HTML 19Page - Semtech Corporation SC120 Datasheet HTML 20Page - Semtech Corporation SC120 Datasheet HTML 21Page - Semtech Corporation SC120 Datasheet HTML 22Page - Semtech Corporation SC120 Datasheet HTML 23Page - Semtech Corporation SC120 Datasheet HTML 24Page - Semtech Corporation SC120 Datasheet HTML 25Page - Semtech Corporation SC120 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SC120
22
Applications Information (continued)
VOUT
+0.8%
+1.8%
PSAVE Mode at
Moderate Load
PWM Mode at
High Load
-2%
BURST
OFF
(> 5μs)
Higher Load
Applied
0A
Inductor
Current
Time
Prog’d
Voltage
BURST
PWM Mode
PSAVE exit due to
off-time reduction
240mA
OFF
(< 5μs)
Figure 3 — PSAVE Operation With Exit to PWM Due To Off-time < 5μs
VOUT
+0.8%
+1.8%
PSAVE Mode at
Moderate Load
PWM Mode at
High Load
-2%
BURST
OFF
Higher Load
Applied
0A
Inductor
Current
Time
Prog’d
Voltage
BURST
OFF
BURST
PWM Mode
PSAVE exit due
to output decay
240mA
Figure 2 — PSAVE Operation With Exit to PWM Due To Output Voltage Decay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com