Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 24Page - Semtech Corporation SC120 Datasheet HTML 25Page - Semtech Corporation SC120 Datasheet HTML 26Page - Semtech Corporation SC120 Datasheet HTML 27Page - Semtech Corporation SC120 Datasheet HTML 28Page - Semtech Corporation SC120 Datasheet HTML 29Page - Semtech Corporation SC120 Datasheet HTML 30Page - Semtech Corporation SC120 Datasheet HTML 31Page - Semtech Corporation SC120 Datasheet HTML 32Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SC120
30
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
A1
A
A2
bxN
12
N
E
6
0.20
1.60
3.10
2.80 BSC
0.95 BSC
1.50
2.90
0.25
1.75
0.50
-
E1
2.80
bbb
C A-B D
0.10
0.20
0°
-
10°
1.15
(0.60)
0.45
0.30
0.08
0.00
0.90
0.90
0.22
0.60
-
0.15
1.45
1.30
-
-
1.90 BSC
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
DIMENSIONS
L1
aaa
bbb
ccc
01
N
DIM
c
e
e1
L
E1
E
D
A1
A2
b
A
MIN
MILLIMETERS
NOM MAX
PLANE
GAUGE
DETAIL
0.25
H
A
(L1)
L
01
c
SIDE VIEW
SEE DETAIL
A
Outline Drawing — SOT23-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com