Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 19Page - Semtech Corporation SC120 Datasheet HTML 20Page - Semtech Corporation SC120 Datasheet HTML 21Page - Semtech Corporation SC120 Datasheet HTML 22Page - Semtech Corporation SC120 Datasheet HTML 23Page - Semtech Corporation SC120 Datasheet HTML 24Page - Semtech Corporation SC120 Datasheet HTML 25Page - Semtech Corporation SC120 Datasheet HTML 26Page - Semtech Corporation SC120 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SC120
23
accumulates with each successive cycle in the burst. The
result is that the output load current that can be sup-
ported in PSAVE under this high V
IN
condition will be
greater than occurs if the 240mA current limit can be
enforced. Therefore the PSAVE exit load due to the first
exit criterion (Figure 2) can increase significantly. This
phenomenon is advantageous. Reverting to PWM opera-
tion with high V
IN
can result in V
OUT
rising above V
REG
, due
to the PWM minimum duty cycle. PSAVE operation avoids
this voltage rise because of its hysteretic voltage-thresh-
old on/off control. If the load remains low enough to
remain in PSAVE, V
IN
can approach and even slightly
exceed V
OUT
. To initally enter PSAVE mode, the initial
startup load must be small enough to cause discontinu-
ous mode PWM operation. This PSAVE mode startup load
upper limit can be increased if needed by reducing the
inductance. (Refer to the Inductor Selection section.)
Sufficiently large output capacitance will prevent PSAVE
exit due to the second exit criterion (Figure 3).
PSAVE V
OUT
ripple may increase due to parasitic capaci-
tance on the external FB pin network. If using external
feedback programming, it is prudent to add a small capaci-
tor between OUT and FB to the circuit board layout. When
operating the SC120 in the final configuration in PSAVE,
observe the amplitude of PSAVE ripple. If the ripple
exceeds 50mV for the expected range of input voltage, a
small-value capacitor should be tried. Capacitance on the
order of a few picofarads is often sufficient to bring the
ripple amplitude to approximately 50mV.
In the case of low V
IN
and high V
OUT
, larger values of CFB
may be needed, perhaps 4.7pF or higher. If using the
SOT23-6 package (SC120SKTRT) with low V
IN
and high V
OUT
,
at least 10pF to 12pF is recommended.
The Enable Pin
The EN pin is a high impedance logical input that can be
used to enable or disable the SC120 under processor
control. V
EN
< 0.2V will disable regulation, set the LX pin in
a high-impedance state (turn off both FET switches), and
turn on an active discharge device to discharge the output
capacitor via the OUT pin. V
EN
> 0.85V will enable the
output. The startup sequence from the EN pin is identical
to the startup sequence from the application of input
power.
Regulator Startup, Short Circuit Protection, and
Current Limits
The SC120 permits power up at input voltages from 0.85V
to 4.5V. Startup current limiting of the internal switching
n-channel and p-channel FET power devices protects
them from damage in the event of a short between OUT
and GND. As the output voltage rises, progressively less-
restrictive current limits are applied. This protection
unavoidably prevents startup into an excessive load.
To begin, the p-channel FET between the LX and OUT pins
turns on with its current limited to approximately 150mA,
the short-circuit output current. When V
OUT
approaches V
IN
(but is still below 1.7V), the n-channel current limit is set
to 350mA (the p-channel limit is disabled), the internal
oscillator turns on (approximately 200kHz), and a fixed
75% duty cycle PWM operation begins. (See the section
PWM Operation.) When the output voltage exceeds 1.7V,
fixed frequency PWM operation begins, with the duty
cycle determined by an n-channel FET peak current limit
of 350mA. When this n-channel FET startup current limit
is exceeded, the on-state ends immediately and the off-
state begins. This determines the duty cycle on a cycle-
by-cycle basis. When V
OUT
is within 2% of the programmed
regulation voltage, the n-channel FET current limit is
raised to 1.2A, and normal voltage regulation PWM control
begins.
Once normal voltage regulation PWM control is initiated,
the output becomes independent of V
IN
and output regu-
lation can be maintained for V
IN
as low as 0.7V, subject to
the maximum duty cycle and peak current limits. The duty
cycle must remain between 15% and 90% for the device
to operate within specification.
Note that startup with a regulated active load is not the
same as startup with a resistive load. The resistive load
output current increases proportionately as the output
voltage rises until it reaches programmed V
OUT
/R
LOAD
, while
a regulated active load presents a constant load as the
output voltage rises from 0V to programmed V
OUT
. Note
also that if the load applied to the output exceeds an
applicable V
OUT
dependent startup current limit or duty
cycle limit, the criterion to advance to the next startup
stage may not be achieved. In this situation startup may
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com