Electronic Components Datasheet Search
  English  ▼

X  

RF2360 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2360
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2360 Datasheet HTML 1Page - RF Micro Devices RF2360 Datasheet HTML 2Page - RF Micro Devices RF2360 Datasheet HTML 3Page - RF Micro Devices RF2360 Datasheet HTML 4Page - RF Micro Devices RF2360 Datasheet HTML 5Page - RF Micro Devices RF2360 Datasheet HTML 6Page - RF Micro Devices RF2360 Datasheet HTML 7Page - RF Micro Devices RF2360 Datasheet HTML 8Page - RF Micro Devices RF2360 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary
3-38
RF2360
Rev A9 010824
3
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current
175
mA
Device Voltage
9
V
Input RF Power
+13
dBm
Output Load VSWR
20:1
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (50
Ω)
T=25 °C, VDD=7V, 50Ω System,
PIN=-8dBm
Frequency Range
5
1500
MHz
3dB Bandwidth
Input VSWR
1.6:1
Appropriate values for the output DC block-
ing capacitor and bias inductor are required
to maintain this VSWR over the intended
operating frequency range.
Output VSWR
1.2:1
See note for Input VSWR.
Gain
20
dB
At 500MHz
Gain Flatness
+/-0.9
dB
5MHz to 1000MHz
Noise Figure
1.2
dB
At 500MHz
Noise Figure
1.5
dB
From 5MHz to 1000MHz
Output IP3
33.7
dBm
At 10MHz, Delta F1 and F2 = 1MHz
Output IP3
37.2
dBm
At 500MHz
Output IP3
36.4
dBm
At 1000MHz
Output IP2
46.3
dBm
At 100MHz, Delta F1 and F2 = 156MHz
Output IP2
44.4
dBm
At 1000MHz
Output P1dB
21
dBm
At 10MHz
Output P1dB
24
dBm
At 500MHz
Output P1dB
23.7
dBm
At 1000MHz
Reverse Isolation
24
dB
At 500MHz
T=25 °C, VDD=9V, PIN=-8dBm
Gain
20
dB
At 500MHz
Gain Flatness
+/-0.9
dB
5MHz to 1000MHz
Noise Figure
1.1
dB
At 500MHz
Noise Figure
1.5
dB
From 5MHz to 1000MHz,
Output IP3
34.8
dBm
At 10MHz, Delta F1 and F2 = 1MHz
Output IP3
38.1
dBm
At 500MHz
Output IP3
38.7
dBm
At 1000MHz
Output IP2
44.1
dBm
At 100MHz, Delta F1 and F2 = 156MHz
Output IP2
48.6
dBm
At 1000MHz
Output P1dB
22.5
dBm
At 10MHz
Output P1dB
25.1
dBm
At 500MHz
Output P1dB
25.3
dBm
At 1000MHz
Power Supply
Supply Voltage (VDD)6
7
9
V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com