Electronic Components Datasheet Search
  English  ▼

X  

RF2360 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2360
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2360 Datasheet HTML 3Page - RF Micro Devices RF2360 Datasheet HTML 4Page - RF Micro Devices RF2360 Datasheet HTML 5Page - RF Micro Devices RF2360 Datasheet HTML 6Page - RF Micro Devices RF2360 Datasheet HTML 7Page - RF Micro Devices RF2360 Datasheet HTML 8Page - RF Micro Devices RF2360 Datasheet HTML 9Page - RF Micro Devices RF2360 Datasheet HTML 10Page - RF Micro Devices RF2360 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
3-43
RF2360
Rev A9 010824
3
Evaluation Board Schematic - 75Ω High Frequency
(50MHz to 2000MHz)
Evaluation Board Schematic - 75Ω Low Frequency
(5MHz to 200MHz)
2360401-
J2
OUT
P1-3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
J1
IN
L1
10 nH
P1
1
2
3
GND
GND
P1-3
VDD
C1
1.5 pF
C2
10 nF
C4
390 pF
C3
10 nF
NOTES:
J1 and J2 are 75
Ω F connectors.
L3
10
µH
2360402-
J2
OUT
P1-3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
J1
IN
L1
10 nH
P1
1
2
3
GND
GND
P1-3
VDD
C2
10 nF
C1
10 nF
NOTES:
J1 and J2 are 75
Ω F connectors.
R1
68
Ω
L1
10
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com