Electronic Components Datasheet Search
  English  ▼

X  

RF2360 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2360
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2360 Datasheet HTML 1Page - RF Micro Devices RF2360 Datasheet HTML 2Page - RF Micro Devices RF2360 Datasheet HTML 3Page - RF Micro Devices RF2360 Datasheet HTML 4Page - RF Micro Devices RF2360 Datasheet HTML 5Page - RF Micro Devices RF2360 Datasheet HTML 6Page - RF Micro Devices RF2360 Datasheet HTML 7Page - RF Micro Devices RF2360 Datasheet HTML 8Page - RF Micro Devices RF2360 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3-37
3
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
GND
GND
GND
RF IN
NC
NC
NC
NC
RF OUT
GND
GND
NC
NC
NC
RF2360
LINEAR GENERAL PURPOSE AMPLIFIER
• CATV Distribution Amplifiers
• Cable Modems
• Broadband Gain Blocks
• Laser Diode Driver
• Return Channel Amplifier
• Base Stations
The RF2360 is a general purpose, low-cost, high-linearity
RF amplifier IC. The device is manufactured on a Gallium
Arsenide process and is featured in an SOP-16 batwing
package. It has been designed for use as an easily cas-
cadable 75
Ω gain block with a Noise Figure of less than
2dB. Gain flatness better than 0.5dB from 5MHz to
1000 MHz, and high linearity make this part ideal for cable
TV applications. Other applications include IF and RF
amplification in wireless voice and data communication
products operating in frequency bands up to 1000MHz.
The device is self-contained with 75
Ω input and output
impedances providing less than 2:1 VSWR matching. For
higher input and output return losses, see the evaluation
schematic.
• 5MHz to 1500MHz Operation
• Internally Matched Input and Output
• 20dB Small Signal Gain
• 1.2dB Noise Figure
• +24dBm Output Power
• Single 6V to 9V Positive Power Supply
RF2360
Linear General Purpose Amplifier
RF2360 PCBA
Fully Assembled Evaluation Board 50
Ω
RF2360 411
Fully Assembled Evaluation Board 75H
RF2360 412
Fully Assembled Evaluation Board 75L
3
Rev A9 010824
0.035
0.016
0.010
0.008
8° MAX
0° MIN
0.021
0.014
0.392
0.386
0.158
0.150
0.244
0.230
0.069
0.064
0.050
0.060
0.054
-A-
0.009
0.004
Package Style: Standard Batwing


Similar Part No. - RF2360

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2360 RFMD-RF2360 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360412 RFMD-RF2360412 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2360

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
CXE-2089Z RFMD-CXE-2089Z Datasheet
646Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com