Electronic Components Datasheet Search
  English  ▼

X  

RF2360 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2360
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2360 Datasheet HTML 1Page - RF Micro Devices RF2360 Datasheet HTML 2Page - RF Micro Devices RF2360 Datasheet HTML 3Page - RF Micro Devices RF2360 Datasheet HTML 4Page - RF Micro Devices RF2360 Datasheet HTML 5Page - RF Micro Devices RF2360 Datasheet HTML 6Page - RF Micro Devices RF2360 Datasheet HTML 7Page - RF Micro Devices RF2360 Datasheet HTML 8Page - RF Micro Devices RF2360 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary
3-39
RF2360
Rev A9 010824
3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (75
Ω)
T= 25oC, VDD=7V, 75Ω System, PIN=-8dBm
Frequency Range
5
1500
MHz
3dB Bandwidth
Input VSWR
1.6:1
Appropriate values for the output DC block-
ing capacitor and bias inductor are required
to maintain this VSWR over the intended
operating frequency range.
Output VSWR
1.3:1
See note for input VSWR.
Gain
20
dB
At 500MHz
Gain Flatness
+ 0.5
dB
5MHz to 1000MHz
Output IP3
36.8
dBm
At 50MHz, Delta F1 and F2 = 1MHz
36.0
dBm
At 500MHz
Output IP2
50.1
dBm
At 500MHz, Delta F1 and F2 = 55.25MHz
Output IP1dB
21
dBm
At 10MHz
23
dBm
At 500MHz
22
dBm
At 1000MHz
Operating Current Range
100
104
109
mA
110 Channels
10dBmV per channel, flat, at the input of the
amplifier; VCC=7V, ICC=120mA
CTB
-75
dBc
At 55.25MHz
-77
dBc
At 331.25MHz
-75
dBc
At 547.25MHz
CSO+1.25MHz
-91
dBc
At 55.25MHz
-60
dBc
At 331.25MHz
-57
dBc
At 547.25MHz
CSO- 1.25MHz
-55
dBc
At 55.25MHz
-54
dBc
At 331.25MHz
-56
dBc
At 547.25MHz
CNR
+66
dB
At 55.25MHz
+65
dB
At 331.25MHz
+65
dB
At 547.25MHz
Power Supply
Supply Voltage (VDD)6
7
9
V
Operating Current Range
115
120
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com