Electronic Components Datasheet Search
  English  ▼

X  

RF2442 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2442
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2442 Datasheet HTML 1Page - RF Micro Devices RF2442 Datasheet HTML 2Page - RF Micro Devices RF2442 Datasheet HTML 3Page - RF Micro Devices RF2442 Datasheet HTML 4Page - RF Micro Devices RF2442 Datasheet HTML 5Page - RF Micro Devices RF2442 Datasheet HTML 6Page - RF Micro Devices RF2442 Datasheet HTML 7Page - RF Micro Devices RF2442 Datasheet HTML 8Page - RF Micro Devices RF2442 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-232
RF2442
Rev B6 010612
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
500 to 2500
MHz
Requires input tuning inductor below 1GHz
881MHz Performance
Schematic Evaluation Board L (RC=0),
T = 25°C, RF =881MHz
Gain
18
20
22
dB
VCC=3.6V
17
19
21
dB
VCC=3.0V
16
18
20
dB
VCC=2.5V
Output P1dB
+13
dBm
VCC=3.6V
+11
dBm
VCC=3.0V
Output IP3
+21
+27
dBm
VCC=3.6V
+16
+22
dBm
VCC=3.0V
+10
+16
dBm
VCC=2.5V
Noise Figure
1.6
2.5
dB
VCC=3.6V
1.5
2.5
dB
VCC=3.0V
1.4
2.5
dB
VCC=2.5V
Reverse Isolation
22
24
dB
VCC=3.6V
22
24
dB
VCC=3.0V
21
23
dB
VCC=2.5V
1960 MHz Performance
Schematic Evaluation Board M (RC=0),
T = 25°C, RF =1960MHz
Gain
10
12
14
dB
VCC=3.6V
10
12
14
dB
VCC=3.0V
10
12
14
dB
VCC=2.5V
Output P1dB
+16
dBm
VCC=3.6V
+13
dBm
VCC=3.0V
Output IP3
+20
+26
dBm
VCC=3.6V
+15
+21
dBm
VCC=3.0V
+9
+15
dBm
VCC=2.5V
Noise Figure
1.6
2.3
dB
VCC=3.6V
1.5
2.1
dB
VCC=3.0V
1.4
2.0
dB
VCC=2.5V
Reverse Isolation
18
20
dB
VCC=3.6V
17
19
dB
VCC=3.0V
17
19
dB
VCC=2.5V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com