Electronic Components Datasheet Search
  English  ▼

X  

RF2442 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2442
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2442 Datasheet HTML 1Page - RF Micro Devices RF2442 Datasheet HTML 2Page - RF Micro Devices RF2442 Datasheet HTML 3Page - RF Micro Devices RF2442 Datasheet HTML 4Page - RF Micro Devices RF2442 Datasheet HTML 5Page - RF Micro Devices RF2442 Datasheet HTML 6Page - RF Micro Devices RF2442 Datasheet HTML 7Page - RF Micro Devices RF2442 Datasheet HTML 8Page - RF Micro Devices RF2442 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-233
RF2442
Rev B6 010612
4
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2400MHz Performance
Schematic Evaluation Board H (RC=0),
T= 25°C, RF = 2400MHz
Gain
7
9
11
dB
VCC=3.6V
79
11
dB
VCC=3.0V
68
10
dB
VCC=2.5V
Output IP3
+20
+26
dBm
VCC=3.6V
+15
+21
dBm
VCC=3.0V
+9
+15
dBm
VCC=2.5V
Noise Figure
1.6
2.5
dB
VCC=3.6V
1.5
2.3
dB
VCC=3.0V
1.4
2.1
dB
VCC=2.5V
Reverse Isolation
16
17
dB
VCC=3.6V
16
17
dB
VCC=3.0V
16
17
dB
VCC=2.5V
Power Supply
T= 25°C
Voltage
2.5 to 5.0
V
Current Consumption
17
19
30
mA
VCC=3.6V
10
12
23
mA
VCC=3.0V
79
20
mA
VCC=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com