Electronic Components Datasheet Search
  English  ▼

X  

RF2442 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2442
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2442 Datasheet HTML 2Page - RF Micro Devices RF2442 Datasheet HTML 3Page - RF Micro Devices RF2442 Datasheet HTML 4Page - RF Micro Devices RF2442 Datasheet HTML 5Page - RF Micro Devices RF2442 Datasheet HTML 6Page - RF Micro Devices RF2442 Datasheet HTML 7Page - RF Micro Devices RF2442 Datasheet HTML 8Page - RF Micro Devices RF2442 Datasheet HTML 9Page - RF Micro Devices RF2442 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-240
RF2442
Rev B6 010612
4
Output IM3 Level vs. Input Level
(Freq = 1960MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
-20
-15
-10
-5
0
Input Level, per tone (dBm)
Vcc = 3.6V
Vcc = 3.0V
Ideal IM3 Slope
Power Out vs. Power In
(Freq = 1960MHz)
-10
-5
0
5
10
15
20
-20
-15
-10
-5
0
5
10
Input Level, single tone (dBm)
Vcc = 3.0V
Vcc = 3.6V
Ideal Gain Slope (3.6V)
Icc vs. Output Level
(Freq = 1960MHz)
5
10
15
20
25
-20
-10
0
10
20
Output Level (dBm)
Vcc = 3.6V
Vcc = 3.0V
Efficiency vs. Output Level
(Freq = 1960MHz)
0%
10%
20%
30%
40%
50%
60%
70%
-10-5
0
5
1015
20
Output Level (dBm)
Vcc = 3.0V
Vcc = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com