Electronic Components Datasheet Search
  English  ▼

X  

RF2442 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2442
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2442 Datasheet HTML 1Page - RF Micro Devices RF2442 Datasheet HTML 2Page - RF Micro Devices RF2442 Datasheet HTML 3Page - RF Micro Devices RF2442 Datasheet HTML 4Page - RF Micro Devices RF2442 Datasheet HTML 5Page - RF Micro Devices RF2442 Datasheet HTML 6Page - RF Micro Devices RF2442 Datasheet HTML 7Page - RF Micro Devices RF2442 Datasheet HTML 8Page - RF Micro Devices RF2442 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-234
RF2442
Rev B6 010612
4
Pin
Function
Description
Interface Schematic
1
VCC1
Supply voltage for the LNA. External RF and IF bypassing is required.
The trace length between the pin and the bypass capacitors should be
minimized. The ground side of the bypass capacitors should connect
immediately to ground plane. This pin connects to pin 8 through a
150
Ω resistor. This allows for simple biasing of the collector at pin 6.
Refer to Application Schematics 1 and 3.
2
GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3RF IN
RF input pin. This pin is internally DC-blocked and matched to 50
Ω for
frequencies above 1GHz. When using below 1GHz, it is recommended
that this pin be matched with series inductance to series-resonate out
the internal blocking capacitor. Refer to Application Schematics 1 and
2.
4
GND2
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
5NC
No connection. This pin is typically left unconnected or grounded.
6RF OUT
LNA Output pin. This pin is an open-collector output. It must be biased
to either VCC or pin 8 through a choke or matching inductor. This pin is
typically matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application schematics.
See pin 3.
7NC
No connection. This pin is typically left unconnected or grounded.
8
VCC2
Optional power supply connection for biasing pin 6. This pin connects
to pin 1 through a 150
Ω resistor. This allows for simple biasing of the
collector at pin 6. When used, this pin should be RF bypassed. Refer to
Application Schematics 1 and 3.
See pin 1.
150
Ω
VCC1
VCC2
BIAS
LNA OUT
To bias circuits
LNA IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com